Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8675 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8675
Description  6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8675 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8675 Datasheet HTML 1Page - Monolithic Power Systems MP8675 Datasheet HTML 2Page - Monolithic Power Systems MP8675 Datasheet HTML 3Page - Monolithic Power Systems MP8675 Datasheet HTML 4Page - Monolithic Power Systems MP8675 Datasheet HTML 5Page - Monolithic Power Systems MP8675 Datasheet HTML 6Page - Monolithic Power Systems MP8675 Datasheet HTML 7Page - Monolithic Power Systems MP8675 Datasheet HTML 8Page - Monolithic Power Systems MP8675 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP8675 – 6A, 42V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP8675 Rev.1.2
www.MonolithicPower.com
2
1/26/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8675DN
SOIC8E
MP8675DN
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP8675DN–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MP8675DN–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 45V
VSW...................... –0.3V (–5V for < 10ns) to 46V
VBST – VSW ...................................................... 6V
All Pins...........................................–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 42V
Operating Junct. Temp (TJ)..... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E...................................50 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com