Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8715DL
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8715DL Datasheet HTML 1Page - Monolithic Power Systems MP8715DL Datasheet HTML 2Page - Monolithic Power Systems MP8715DL Datasheet HTML 3Page - Monolithic Power Systems MP8715DL Datasheet HTML 4Page - Monolithic Power Systems MP8715DL Datasheet HTML 5Page - Monolithic Power Systems MP8715DL Datasheet HTML 6Page - Monolithic Power Systems MP8715DL Datasheet HTML 7Page - Monolithic Power Systems MP8715DL Datasheet HTML 8Page - Monolithic Power Systems MP8715DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
2
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8715DN*
SOIC8E
MP8715
MP8715DL**
3x4 QFN14
MP8715
* For Tape & Reel, add suffix –Z (e.g. MP8715DN–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP8715DN–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP8715DL–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP8715DL–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VIN……………………………………-0.3V to 23V
SW…… ……………-0.3V (-5V for <10ns) to 23V
FB, SS…………....…….. …………–0.3V to +6.5V
EN/SYNC, POK, VCC.... …………–0.3V to +6.5V
BST to SW ..................................–0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
3x4 QFN14 ................................................ 2.6W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ..............–65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ..............................4.5V to 21V
Output Voltage VOUT...........................0.8V to VIN
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E (Exposed Pad).......... 50...... 10 ..
°C/W
3x4 QFN14.......... ....................48...... 11 ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
VIN
SW
BST
EN/SYNC
SS
VCC
POK
FB
1
2
3
4
9
GND
8
7
6
5
TOP VIEW
PIN 1 ID
14
13
12
11
10
9
8
SS
GND
GND
GND
VCC
POK
FB
IN
SW
SW
SW
SW
BST
EN/SYNC
1
2
3
4
5
6
7
TOP VIEW
EXPOSED PAD
ON BACKSIDE
SOIC8E
3x4 QFN14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com