Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8736DL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8736DL
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736DL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8736DL Datasheet HTML 4Page - Monolithic Power Systems MP8736DL Datasheet HTML 5Page - Monolithic Power Systems MP8736DL Datasheet HTML 6Page - Monolithic Power Systems MP8736DL Datasheet HTML 7Page - Monolithic Power Systems MP8736DL Datasheet HTML 8Page - Monolithic Power Systems MP8736DL Datasheet HTML 9Page - Monolithic Power Systems MP8736DL Datasheet HTML 10Page - Monolithic Power Systems MP8736DL Datasheet HTML 11Page - Monolithic Power Systems MP8736DL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
8
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, VOUT =1.0V, FS=1.5MHz, unless otherwise noted.
Load Regulation
Frequency vs. Temperature
IOUT=6A
Line Regulation @ IOUT=6A
IOUT (A)
VIN (V)
Case Temperature vs.
Load Current
IOUT (A)
IOUT (A)
Efficiency
60
65
70
75
80
85
90
012
3
456
VIN=4.5V
VIN=5V
VIN=5.5V
0
10
20
30
40
50
60
0123456
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
4.5
4.7
4.9
5.1
5.3
5.5
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.5
1.5
2.5
3.5
4.5
5.5
VIN=5.5V
VIN=5V
VIN=4.5V
1.65
1.7
1.75
1.8
1.85
1.9
1.95
-30 -10 10 30 50 70 90 110
FS vs. Load
IOUT (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com