Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8760GL
Description  High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8760GL Datasheet HTML 12Page - Monolithic Power Systems MP8760GL Datasheet HTML 13Page - Monolithic Power Systems MP8760GL Datasheet HTML 14Page - Monolithic Power Systems MP8760GL Datasheet HTML 15Page - Monolithic Power Systems MP8760GL Datasheet HTML 16Page - Monolithic Power Systems MP8760GL Datasheet HTML 17Page - Monolithic Power Systems MP8760GL Datasheet HTML 18Page - Monolithic Power Systems MP8760GL Datasheet HTML 19Page - Monolithic Power Systems MP8760GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP8760 — 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760 Rev. 1.1
www.MonolithicPower.com
16
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
the inductor current for the fixed time.
Over-Voltage Protection (OVP)
The MP8760 monitors the output voltage using
the FB pin connected to the tap of a resistor
divider.
If the FB voltage exceeds the nominal REF
voltage but remains below 120% of the REF
voltage (0.611V), both MOSFETs are OFF.
If the FB voltage exceeds 120% of the REF
voltage but remains below 130%, the LS-FET
turns ON while the HS-FET remains OFF. The
LS-FET remains ON until the FB voltage drops
below 110% of the REF voltage or the low-side
negative current limit triggers.
If the FB voltage exceeds 130% of the REF
voltage, the device enters a non-latch OFF mode.
Once the FB voltage rises to a reasonable value,
it will exit OVP and operate normally.
UVLO protection
The MP8760 has under-voltage lockout (UVLO).
When the VCC voltage exceeds the UVLO-rising
threshold, the MP8760 powers up. It shuts OFF
when the VCC voltage falls below the UVLO
falling threshold. This is non-latch protection.
The MP8760 is disabled when the VCC voltage
falls below 3.4V. If an application requires a
higher UVLO threshold, use the two external
resistors connected to the EN pin as shown in
Figure 9 to adjust the startup input voltage. For
best results, use the enable resistors to set the
input voltage falling threshold (VSTOP) above 4 V.
Set the rising threshold (VSTART) to provide
enough hysteresis to account for any input
supply variations.
EN Comparator
RUP
RDOWN
IN
EN
Figure 9: Adjustable UVLO
Thermal Shutdown
The MP8760 has thermal shutdown. The IC
internally monitors the junction temperature. If
the junction temperature exceeds the threshold
value (minimum 150°C), the converter shuts off.
This is a non-latch protection. There is ~25°C
hysteresis. Once the junction temperature drops
to ~125°C, it initiates a soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com