Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8760GLE Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8760GLE
Description  High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760GLE Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8760GLE Datasheet HTML 9Page - Monolithic Power Systems MP8760GLE Datasheet HTML 10Page - Monolithic Power Systems MP8760GLE Datasheet HTML 11Page - Monolithic Power Systems MP8760GLE Datasheet HTML 12Page - Monolithic Power Systems MP8760GLE Datasheet HTML 13Page - Monolithic Power Systems MP8760GLE Datasheet HTML 14Page - Monolithic Power Systems MP8760GLE Datasheet HTML 15Page - Monolithic Power Systems MP8760GLE Datasheet HTML 16Page - Monolithic Power Systems MP8760GLE Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP8760 — 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760 Rev. 1.1
www.MonolithicPower.com
13
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
switching frequency stays fairly constant over the
output current range.
Switching Frequency
Selecting the switching frequency requires
trading off between efficiency and component
size.
Low-frequency
operation
increases
efficiency by reducing MOSFET switching losses,
but requires larger inductor and capacitor values
to minimize the output voltage ripple.
For the MP8760, set the ON time using the
FREQ pin, thus setting the frequency for steady-
state operation at CCM.
The MP8760 uses adaptive constant-on-time
(COT) control, though the IC lacks a dedicated
oscillator. Connect the FREQ pin to the IN pin
through the resistor (RFREQ) so that the input
voltage is feed-forwarded to the one-shot on-time
timer. When operating in steady-state in CCM,
the duty ratio stays at VOUT/VIN so the switching
frequency is fairly constant over the input voltage
range. Set switching frequency as follows:
)
ns
(
)
V
(
V
)
V
(
V
.
)
V
(
V
)
k
(
R
.
)
kHz
(
f
DELAY
OUT
IN
IN
FREQ
SW
τ
+
×
−
Ω
×
=
4
0
3
5
106
(3)
Where τDELAY is the comparator delay (~40ns).
Typically, the MP8760 is set between 200kHz
and 1MHz. It is optimized to operate efficiently at
high switching frequencies, which allow for
physically smaller LC filter components to reduce
the PCB footprint.
Jitter and FB Ramp Slope
Figure 4 and Figure 5 show jitter occurring in
both PWM mode and skip mode. When there is
noise on the VFB descending slope, the HS-FET
ON time deviates from its intended appoint,
introducing jitter that influences the system’s
stability. The VFB ripple’s slope steepness
dominates the noise immunity though its
magnitude has no direct effect.
Figure 4: PWM-Mode Jitter
Figure 5: Skip-Mode Jitter
Ramp with a Large ESR Capacitor
Using POSCAPs or other large-ESR capacitors
as the output capacitor results in the ESR ripple
dominating the output ripple. The ESR also
significantly influences the VFB slope. Figure 6
shows the simplified equivalent circuit in PWM
mode with the HS-FET OFF and without an
external ramp circuit.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 6: Simplified PWM-Mode Circuit without
External Ramp Compensation
To realize the stability without an external ramp,
select the ESR value as follows:
OUT
ON
SW
ESR
C
.
R
2
7
0
τ
+
π
×
τ
≥
(4)
Where τSW is the switching period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com