Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8761 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8761
Description  High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8761 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8761 Datasheet HTML 16Page - Monolithic Power Systems MP8761 Datasheet HTML 17Page - Monolithic Power Systems MP8761 Datasheet HTML 18Page - Monolithic Power Systems MP8761 Datasheet HTML 19Page - Monolithic Power Systems MP8761 Datasheet HTML 20Page - Monolithic Power Systems MP8761 Datasheet HTML 21Page - Monolithic Power Systems MP8761 Datasheet HTML 22Page - Monolithic Power Systems MP8761 Datasheet HTML 23Page - Monolithic Power Systems MP8761 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP8761 — 8A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8761 Rev. 1.1
www.MonolithicPower.com
21
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
VIN
GND
Figure 14: Bottom Layer, 13-Pin PFN MP8761 PCB
Layout Guide
B ST
VC C
PG
AG N D
SS
FB
FR EQ
EN
C1 D
Top Layer
Inner1 Layer
Inner2 Layer
Bottom Layer
Figure 15—PCB Layout Guide for MP8761GLE
(16-Pin QFN)
Design Example
Table 8 lists the specifications for a design
example that follows the application guidelines:
Table 8: Design Example
VIN
12V
VOUT
1V
FSW
500kHz
The detailed application schematic is shown in
Figure 16. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com