Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8904DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8904DD
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8904DD Datasheet HTML 1Page - Monolithic Power Systems MP8904DD Datasheet HTML 2Page - Monolithic Power Systems MP8904DD Datasheet HTML 3Page - Monolithic Power Systems MP8904DD Datasheet HTML 4Page - Monolithic Power Systems MP8904DD Datasheet HTML 5Page - Monolithic Power Systems MP8904DD Datasheet HTML 6Page - Monolithic Power Systems MP8904DD Datasheet HTML 7Page - Monolithic Power Systems MP8904DD Datasheet HTML 8Page - Monolithic Power Systems MP8904DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
2
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP8904DD
QFN8(2 x 3mm)
T3
* For Tape & Reel, add suffix –Z (eg. MP8904DD–Z)
For RoHS Compliant Packaging, add suffix –LF (eg. MP8904DD–LF–Z)
PACKAGE REFERENCE
TOP VIEW
OUT
NC
PG
FB
1
2
3
4
IN
NC
GND
EN
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
ABSOLUTE MAXIMUM RATINGS (1)
IN, FB to GND.................................-0.3V to +7V
EN to GND.............................-0.3V to VIN +0.3V
OUT ......................................-0.3V to VIN + 0.3V
Continuous Power Dissipation
(TA = +25°C)
(2)
……………………………………………….2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............. -65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN .............................2.5V to 6.5V
Output Voltage...................................0.5V to 5V
Load Current...........................500mA Maximum
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2 x 3mm) .....................55 ...... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com