Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9181 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9181
Description  High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9181 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9181 Datasheet HTML 9Page - Monolithic Power Systems MP9181 Datasheet HTML 10Page - Monolithic Power Systems MP9181 Datasheet HTML 11Page - Monolithic Power Systems MP9181 Datasheet HTML 12Page - Monolithic Power Systems MP9181 Datasheet HTML 13Page - Monolithic Power Systems MP9181 Datasheet HTML 14Page - Monolithic Power Systems MP9181 Datasheet HTML 15Page - Monolithic Power Systems MP9181 Datasheet HTML 16Page - Monolithic Power Systems MP9181 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP9181 – 3A, 4.5V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP9181 Rev 1.01
www.MonolithicPower.com
13
12/10/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
UVLO Protection
The
MP9181
has
under-voltage
lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP9181 powers up. It shuts off when the
input voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
Thermal Shutdown
The MP9181 employs thermal shutdown by
internally monitoring the junction temperature of
the IC. If the junction temperature exceeds the
threshold value (typically 150ºC), the converter
shuts off. This is non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops around 125ºC, it initiates a
soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com