Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9186 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems MP9186 Datasheet HTML 10Page - Monolithic Power Systems MP9186 Datasheet HTML 11Page - Monolithic Power Systems MP9186 Datasheet HTML 12Page - Monolithic Power Systems MP9186 Datasheet HTML 13Page - Monolithic Power Systems MP9186 Datasheet HTML 14Page - Monolithic Power Systems MP9186 Datasheet HTML 15Page - Monolithic Power Systems MP9186 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
13
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
For simplification, choose the input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high-quality ceramic
capacitor (e.g. 0.1µF) as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by the capacitance can be
estimated by:
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V
1
f
C1
V
V
∆
=
×
×
−
×
Selecting the Output Capacitor
The device requires an output capacitor (C2) to
maintain the DC output voltage. Use ceramic,
tantalum, or low ESR electrolytic capacitors.
Use low-ESR capacitors to limit the output
voltage ripple. Estimate the output voltage
ripple with:
OUT
OUT
OUT
ESR
S
1
IN
S
V
V
1
V
1
R
f
L
V
8 f
C2
∆
=
×
−
×
+
×
× ×
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For ceramic capacitors, the impedance at the
switching
frequency
is
dominated
by
the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S
1
V
V
∆V
1
V
8 f
L
C2
=
×
−
×
×
×
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S
1
V
V
∆V
1
R
f
L
V
=
×
−
×
×
The characteristics of the output capacitor also
affect the stability of the regulatory system. The
MP9186 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator, given the following
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
Use an external BST diode from the VCC pin to
the BST pin—as shown in Figure 6—for such
cases.
MP9186
BST
SW
VCC
C OUT
L
External BST Diode
IN4148
Figure 6: Optional Bootstrap Diode
The recommended external BST diode is
IN4148, and the BST capacitor is 0.1µF to 1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com