Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20045 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP20045
Description  Low Noise, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP20045 Datasheet HTML 5Page - Monolithic Power Systems MP20045 Datasheet HTML 6Page - Monolithic Power Systems MP20045 Datasheet HTML 7Page - Monolithic Power Systems MP20045 Datasheet HTML 8Page - Monolithic Power Systems MP20045 Datasheet HTML 9Page - Monolithic Power Systems MP20045 Datasheet HTML 10Page - Monolithic Power Systems MP20045 Datasheet HTML 11Page - Monolithic Power Systems MP20045 Datasheet HTML 12Page - Monolithic Power Systems MP20045 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
11
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage of MP20045 can be set
externally which ranges from 1.5V to 5V by
operating from +2.5V to +5.5V input or preset
internally at 1.5V, 1.8V, 2.5V, 3.3V, 5V. For the
adjustable version, the output voltage is set by
using a resistive voltage divider from the output
voltage to FB pin. The voltage divider divides
the output voltage down to the feedback voltage
by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Where VFB is the feedback threshold voltage
(VFB = 1.5V), and VOUT is the output voltage.
Thus the output voltage is:
R2
R2
R1
1.5
VOUT
+
×
=
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using that value, R1 is determined by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
FB
FB
OUT
V
V
V
2
R
1
R
For example, for a 2.8V output voltage, R2 is
10kΩ, and R1 is 8.66kΩ. You can select a
standard 8.66kΩ (±1%) resistor for R1.
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of air flow.
The power dissipation across the device can be
represented by the equation:
()
OUT
OUT
IN
I
V
V
P
×
−
=
The allowable power dissipation can be
calculated using the following equation:
()
JA
Ambient
Junction
(MAX)
T
T
P
θ
−
=
/
Where (TJunction − TAmbient) is the temperature
difference between the junction and the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connecting the GND pin of
MP20045 to ground using a large pad or
ground plane helps to channel heat away.
Output Capacitor Selection
The MP20045 is designed specifically to work
with very low ESR ceramic output capacitor in
space-saving and performance consideration. A
2.2µF ceramic capacitor with ESR lower than
0.9Ω is suitable for the MP20045 application
circuit. Output capacitor of larger values will
help to improve load transient response and
reduce noise with the drawback of increased
size.
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000
OUTPUT CURRENT(mA)
Figure 2—Relationship between ESR and
LDO Stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com