Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2000T Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # B2000T
Description  Telefuse SMD Power Cross Protection Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

B2000T Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  B2000T Datasheet HTML 1Page - Bourns Electronic Solutions B2000T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Time/Current Characteristic Curve
Telefuse
™ SMD Power Cross Protection Fuse
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
Time (Seconds)
B1250T
B2000T
B0500T
3.05 ± .127
(.120 ± .005)
3.05 ± .127
(.120 ± .005)
2.03 ± .102
(.080 ± .004)
9.65 ± .254
(.38 ± .01)
3.81
(.15)
4.06
(.16)
5.08
(.20)
Product Dimensions
Solder Profile - 260 °C for 3 Seconds
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
300
267
233
200
167
133
100
67
33
0
048
PREHEAT
SECONDS
ZONE 2
ZONE 3
REFLOW
COOL
95
143
190
238
286
333
381
429



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com