Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U1AFS6003 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # U1AFS6003
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

U1AFS6003 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button U1AFS6003 Datasheet HTML 9Page - Microsemi Corporation U1AFS6003 Datasheet HTML 10Page - Microsemi Corporation U1AFS6003 Datasheet HTML 11Page - Microsemi Corporation U1AFS6003 Datasheet HTML 12Page - Microsemi Corporation U1AFS6003 Datasheet HTML 13Page - Microsemi Corporation U1AFS6003 Datasheet HTML 14Page - Microsemi Corporation U1AFS6003 Datasheet HTML 15Page - Microsemi Corporation U1AFS6003 Datasheet HTML 16Page - Microsemi Corporation U1AFS6003 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
www.microsemi.com/soc
Military ProASIC3/EL
LowpowerFPGAsformilitaryapplications
Building on the successful heritage of the Military ProASICPLUS family, Military ProASIC3 FPGAs offer higher performance, greater density and more memory, while
at the same time offering high reliability combined with compact single-chip logic integration, live at power-up operation and reprogrammability. Military ProASIC3/EL
FPGAs have demonstrated immunity to configuration upsets caused by atmospheric neutrons.
• Supports single-voltage
system operation
• 3,000,000 system gates
• Up to 504 Kbits of true
dual-port SRAM
• Live-at-power-up level 0 support
• ISP protected using on-chip 128-bit
advanced encryption
• Standard (AES) decryption via
JTAG (IEEE 1532–compliant)
Military ProASIC3 Devices
Military ProASIC3 Devices
A3P250
A3PE600L
A3P1000
A3PE3000L
Cortex-M1Devices1
M1A3P1000
M1A3PE3000L
System Gates
250,000
600,000
1,000,000
3,000,000
VersaTiles(D-flip-flops)
6,144
13,824
24,576
75,264
RAM(1,024bits)
36
108
144
504
4,608-BitBlocks
8
24
32
112
FlashROM(Kbits)
1
1
1
1
AES-Protected ISP2
Yes
Yes
Yes
Yes
Integrated PLL in CCCs
1
6
1
6
VersaNetGlobals
18
18
18
18
I/OBanks
4
8
4
8
Maximum User I/Os
68
270
154
620
Package Pins
VQ
PQ
FG
100
484
208
144
484, 896
Notes:
1. Refer to the ARM Cortex-M1 product brief for more information.
2. AES is not available for ARM-enabled ProASIC3/EL devices.
Military ProASICPLUS
Reprogrammable,nonvolatilemilitaryFPGAs
Military ProASICPLUS is the industry’s first nonvolatile, reprogrammable FPGA with testing covering the full military temperature range (–55ºC to 125ºC), with available
MIL-STD-883 Class B screening. The flash-based reprogrammable interconnect used in Microsemi’s ProASICPLUS FPGAs has been proven to be immune to
configuration changes caused by atmospheric neutrons, which plague SRAM-based FPGAs in high-reliability applications.
Military ProASICPLUS Devices
Military ProASICPLUS Devices
APA300
APA600
APA1000
Maximum System Gates
300,000
600,000
1,000,000
Tiles (registers)
8,192
21,504
56,320
RAMKbits(1,024bits)
72
126
198
RAMBlocks(256x9)
32
56
88
LVPECL
2
2
2
PLL
2
2
2
Global Networks
4
4
4
Maximum Clocks
32
56
88
Maximum User I/Os
290
454
712
JTAGISP
Yes
Yes
Yes
PCI
Yes
Yes
Yes
Package Pins
CQ
CG
208, 352
208, 352
624
208, 352
624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com