Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1AFS15002 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button P1AFS15002 Datasheet HTML 17Page - Microsemi Corporation P1AFS15002 Datasheet HTML 18Page - Microsemi Corporation P1AFS15002 Datasheet HTML 19Page - Microsemi Corporation P1AFS15002 Datasheet HTML 20Page - Microsemi Corporation P1AFS15002 Datasheet HTML 21Page - Microsemi Corporation P1AFS15002 Datasheet HTML 22Page - Microsemi Corporation P1AFS15002 Datasheet HTML 23Page - Microsemi Corporation P1AFS15002 Datasheet HTML 24Page - Microsemi Corporation P1AFS15002 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
22 www.microsemi.com/soc
• SupportsSmartFusion
development, including
ARM Cortex-M3, FPGA and
programmable analog
• Freeone-yearLiberoIDEsoftware
and Gold license with SoftConsole
for program and debug
• 5Vpowersupplyand
international adapters
• TwoUSBcablesandlowcost
programming stick
• User’sguide,tutorialand
design examples
• PCBschematics,layoutfiles
andBOM
• Boardfeatures
- Ethernet, EtherCAT, CAN, UART,
I2C and SPI interfaces
- USB port for HyperTerminal
- USB port for programming
and debug
- J-Link header for debug
- Mixed signal and A2F500 digital
expansion header
- Extensive off-chip memory
- Refer to www.microsemi.com/soc
for a full list of features
• SupportsSmartFusion
cSoC evaluation, including
ARM Cortex-M3, FPGA and
programmable analog
• Freeone-yearLiberoIntegrated
Design Environment (IDE) software
and Gold license with SoftConsole
for program and debug
• USBprogrammingbuiltintoboard
• TwoUSBcables
• User’sguide,tutorialand
design examples
• Printedcircuitboard(PCB)
schematics,layoutfilesand
bill-of-materials(BOM)
• Boardfeatures
- Ethernet interface
- USB port for power and
HyperTerminal
- USB port for programming
and debug
- J-Link header for debug
- Mixed signal header
- SPI flash – off-chip memory
- Reset and 2 user switches, 8 LEDs
- POT for voltage / current monitor
- Temperature monitor
- Organic light-emitting diode (OLED)
Ordering Codes
Supported Devices
Price
A2F500-DEV-KIT
A2F500M3G-FGG484
$ 999
Ordering Code
Supported Device
Price
A2F-EVAL-KIT
A2F200M3F-FGG484
$ 99
• Supportsdebugaccesstothe
mixed signal header of the
SmartFusion Evaluation Kit and
SmartFusion Development Kit
• 41/2”plasticstandoffsand
4 plastic screws to match
development kit height
• Soldstandalone
• Boardfeatures
- Test points for signal probing
- Mixed signal header for daughter
card support
- 100 Mil header for wire-wrapped
or soldered signals
10/100
Ethernet
Interface
Regulators
USB
Program
and Debug
Interface
SmartFusion Device
User SW2
USB
Power and
USB-UART
Interface
Potentiometer
Reset Switch
5 Debug I/Os
8 User LEDs
Debug Select
JTAG Select
OLED Display
RVI - Header
SPI-Flash
Memory
PUB Switch
VRPSM
Voltage
Option
20 MHz
Crystal
32.768 KHz
Crystal
User SW1
Mixed Signal
Header
SmartFusion Evaluation Kit
Mixed Signal Daughter Card
DirectC Header
Board Reset
Switch
Power Jack
Memory Device
Configuration
Headers
AGLP DIP
Switch
AGLP125V5-
CSG289
IGLOO PLUS
Header
10/100 Ethernet
PHY
RJ45 Connector
for 10/100 Ethernet
Power Switch
DACOUT/
ADC
Headers
RJ45 Connectors
for EtherCAT
Ports
SmartFusion
cSoC
DB9
Connector
for CAN0
SRAM
(3.3 V)
CAN
Transceivers
DB9 Connector
for CAN1
A2F500
Connector
PSRAM
(1.8 V)
LCPS Connector
DIP Switch
JTAG_SEL Switch
JTAG Chain
Configuration Header
1.5 V Header
PUB Switch
RS485 Transceiver
DB9 Connector for
RS485 (UART1)
50 MHz Oscillator
SPI Headers
I2C Headers
USB Connector
for UART0
OLED
Push-Button
Switches
RealView® Header
JTAG MUX
EtherCAT
PHYs
DAC0 and DAC1
Callibration POTs
for ±15 V Bipolar
Outputs
POT for
Current
Monitor
Mixed
Signal
Header
EtherCAT
ASIC
SmartFusion Development Kit
Ordering Code
Supported Device
Price
MIXED-SIGNAL-DC
No Microsemi device
$ 55
Mixed Signal Connector
Test Points
100 mil Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com