Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P250 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # A3P250
Description  Military ProASIC3/EL Low Power Flash FPGAs
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P250 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button A3P250 Datasheet HTML 17Page - Microsemi Corporation A3P250 Datasheet HTML 18Page - Microsemi Corporation A3P250 Datasheet HTML 19Page - Microsemi Corporation A3P250 Datasheet HTML 20Page - Microsemi Corporation A3P250 Datasheet HTML 21Page - Microsemi Corporation A3P250 Datasheet HTML 22Page - Microsemi Corporation A3P250 Datasheet HTML 23Page - Microsemi Corporation A3P250 Datasheet HTML 24Page - Microsemi Corporation A3P250 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-7
Thermal Characteristics
Introduction
The temperature variable in the Designer software refers to the junction temperature, not the ambient
temperature. This is an important distinction because dynamic and static power consumption cause the
chip junction temperature to be higher than the ambient temperature.
EQ 1 can be used to calculate junction temperature.
TJ = Junction Temperature = T + TA
EQ 1
where:
TA = Ambient Temperature
T = Temperature gradient between junction (silicon) and ambient T = ja * P
ja = Junction-to-ambient of the package. ja numbers are located in Table 2-4.
P = Power dissipation
Package Thermal Characteristics
The device junction-to-case thermal resistivity is
jc and the junction-to-ambient air thermal resistivity is
ja. The thermal characteristics for ja are shown for two air flow rates. The recommended maximum
junction temperature is 125°C. EQ 2 shows a sample calculation of the recommended maximum power
dissipation allowed for a 484-pin FBGA package at military temperature and in still air.
EQ 2
Maximum Power Allowed
Max. junction temp. (
C) Max. ambient temp. (C)
–
ja(C/W)
---------------------------------------------------------------------------------------------------------------------------------
125
C70C
–
20.6
C/W
-----------------------------------
2.670
=
=
=
Table 2-4 •
Package Thermal Resistivities
Package Type
Device
Pin Count
jc
ja
Units
Still Air 200 ft./min.
500 ft./min.
Very Thin Quad Flat Pack (VQ100)
A3P250
100
10.0
35.3
29.4
27.1
C/W
Plastic Quad Flat Pack (PQ208)*
A3P1000
208
3.8
16.2
13.3
11.9
C/W
Fine Pitch Ball Grid Array (FBGA)
A3P1000
144
6.3
31.6
26.2
24.2
C/W
A3PE600L
484
9.5
27.5
21.9
20.2
C/W
A3PE3000L
484
4.7
20.6
15.7
14.0
C/W
A3PE3000L
896
2.4
13.6
10.4
9.4
C/W
* Embedded heatspreader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com