Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P600 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # A3P600
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P600 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button A3P600 Datasheet HTML 9Page - Microsemi Corporation A3P600 Datasheet HTML 10Page - Microsemi Corporation A3P600 Datasheet HTML 11Page - Microsemi Corporation A3P600 Datasheet HTML 12Page - Microsemi Corporation A3P600 Datasheet HTML 13Page - Microsemi Corporation A3P600 Datasheet HTML 14Page - Microsemi Corporation A3P600 Datasheet HTML 15Page - Microsemi Corporation A3P600 Datasheet HTML 16Page - Microsemi Corporation A3P600 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
1-7
I/Os with Advanced I/O Standards
The ProASIC3 family of FPGAs features a flexible I/O structure, supporting a range of voltages (1.5 V,
1.8 V, 2.5 V, and 3.3 V). ProASIC3 FPGAs support many different I/O standards—single-ended and
differential.
The I/Os are organized into banks, with two or four banks per device. The configuration of these banks
determines the I/O standards supported (Table 1-1).
Each I/O module contains several input, output, and enable registers. These registers allow the
implementation of the following:
•
Single-Data-Rate applications
•
Double-Data-Rate applications—DDR LVDS, B-LVDS, and M-LVDS I/Os for point-to-point
communications
ProASIC3 banks for the A3P250 device and above support LVPECL, LVDS, B-LVDS and M-LVDS.
B-LVDS and M-LVDS can support up to 20 loads.
Hot-swap (also called hot-plug, or hot-insertion) is the operation of hot-insertion or hot-removal of a card
in a powered-up system.
Cold-sparing (also called cold-swap) refers to the ability of a device to leave system data undisturbed
when the system is powered up, while the component itself is powered down, or when power supplies
are floating.
Wide Range I/O Support
ProASIC3 devices support JEDEC-defined wide range I/O operation. ProASIC3 supports the JESD8-B
specification, covering both 3 V and 3.3 V supplies, for an effective operating range of 2.7 V to 3.6 V.
Wider I/O range means designers can eliminate power supplies or power conditioning components from
the board or move to less costly components with greater tolerances. Wide range eases I/O bank
management and provides enhanced protection from system voltage spikes, while providing the flexibility
to easily run custom voltage applications.
Specifying I/O States During Programming
You can modify the I/O states during programming in FlashPro. In FlashPro, this feature is supported for
PDB files generated from Designer v8.5 or greater. See the FlashPro User’s Guide for more information.
Note: PDB files generated from Designer v8.1 to Designer v8.4 (including all service packs) have
limited display of Pin Numbers only.
1. Load a PDB from the FlashPro GUI. You must have a PDB loaded to modify the I/O states during
programming.
2. From the FlashPro GUI, click PDB Configuration. A FlashPoint – Programming File Generator
window appears.
3. Click the Specify I/O States During Programming button to display the Specify I/O States During
Programming dialog box.
Table 1-1 • I/O Standards Supported
I/O Bank Type
Device and Bank Location
I/O Standards Supported
LVTTL/
LVCMOS PCI/PCI-X
LVPECL, LVDS,
B-LVDS, M-LVDS
Advanced
East and west Banks of A3P250 and
larger devices

Standard Plus
North and south banks of A3P250 and
larger devices
All banks of A3P060 and A3P125

Not supported
Standard
All banks of A3P015 and A3P030
Not
supported
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com