Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P250 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # A3P250
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P250 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button A3P250 Datasheet HTML 72Page - Microsemi Corporation A3P250 Datasheet HTML 73Page - Microsemi Corporation A3P250 Datasheet HTML 74Page - Microsemi Corporation A3P250 Datasheet HTML 75Page - Microsemi Corporation A3P250 Datasheet HTML 76Page - Microsemi Corporation A3P250 Datasheet HTML 77Page - Microsemi Corporation A3P250 Datasheet HTML 78Page - Microsemi Corporation A3P250 Datasheet HTML 79Page - Microsemi Corporation A3P250 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-62
Revision 13
Table 2-82 • 1.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
7.83
0.04
1.42
0.43
6.42
7.83
2.71
2.55
8.65
10.07
ns
–1
0.56
6.66
0.04
1.21
0.36
5.46
6.66
2.31
2.17
7.36
8.56
ns
–2
0.49
5.85
0.03
1.06
0.32
4.79
5.85
2.02
1.90
6.46
7.52
ns
4 mA
Std.
0.66
4.84
0.04
1.42
0.43
4.49
4.84
3.03
3.13
6.72
7.08
ns
–1
0.56
4.12
0.04
1.21
0.36
3.82
4.12
2.58
2.66
5.72
6.02
ns
–2
0.49
3.61
0.03
1.06
0.32
3.35
3.61
2.26
2.34
5.02
5.28
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-83 • 1.5 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
2 mA
Std.
0.66
12.08 0.04 1.42
0.43
12.01 12.08 2.72 2.43 14.24 14.31
ns
–1
0.56
10.27 0.04 1.21
0.36
10.21 10.27 2.31 2.06 12.12 12.18
ns
–2
0.49
9.02
0.03 1.06
0.32
8.97
9.02
2.03 1.81 10.64 10.69
ns
4 mA
Std.
0.66
9.28
0.04 1.42
0.43
9.45
8.91
3.04 3.00 11.69 11.15
ns
–1
0.56
7.89
0.04 1.21
0.36
8.04
7.58
2.58 2.55
9.94
9.49
ns
–2
0.49
6.93
0.03 1.06
0.32
7.06
6.66
2.27 2.24
8.73
8.33
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-84 • 1.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
7.65
0.04
1.42
0.43
6.31
7.65
2.45
2.45
ns
–1
0.56
6.50
0.04
1.21
0.36
5.37
6.50
2.08
2.08
ns
–2
0.49
5.71
0.03
1.06
0.32
4.71
5.71
1.83
1.83
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com