Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P015 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 2 Page - Microsemi Corporation

  A3P015 Datasheet HTML 1Page - Microsemi Corporation A3P015 Datasheet HTML 2Page - Microsemi Corporation A3P015 Datasheet HTML 3Page - Microsemi Corporation A3P015 Datasheet HTML 4Page - Microsemi Corporation A3P015 Datasheet HTML 5Page - Microsemi Corporation A3P015 Datasheet HTML 6Page - Microsemi Corporation A3P015 Datasheet HTML 7Page - Microsemi Corporation A3P015 Datasheet HTML 8Page - Microsemi Corporation A3P015 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 220 page
background image
ProASIC3 Flash Family FPGAs
II
Revision 13
I/Os Per Package 1
ProASIC3
Devices
A3P0152
A3P030
A3P060
A3P125
A3P250 3
A3P400 3
A3P600
A3P1000
Cortex-M1
Devices
M1A3P250 3,5
M1A3P400 3
M1A3P600
M1A3P1000
Package
I/O Type
QN48
–
34
–
–
–
–
–––
––
QN68
49
49
–
–
–
–
–
–
–
–
–
QN1325
–
818084
87
19
–
–
–
–
–
CS121
–
–
96
–
–
–
––––
––
VQ100
–
77
71
71
68
13
–
–
–
–
–
TQ144
–
–
91
100
–
–
––––
––
PQ208
–
–
–
133
151
34
151
34
154
35
154
35
FG144
–
–
96
97
97
24
972597259725
FG2565,6
–
–
–
–
157
38
178
38
177
43
177
44
FG4846
–
–
–
–
–
–
194
38
235
60
300
74
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3 FPGA Fabric User’s Guide
to ensure complying with design and board migration requirements.
2. A3P015 is not recommended for new designs.
3. For A3P250 and A3P400 devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15. Refer to
the ProASIC3 FPGA Fabric User’s Guide for position assignments of the 15 LVPECL pairs.
4. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
5. The M1A3P250 device does not support FG256 or QN132 packages.
6. FG256 and FG484 are footprint-compatible packages.
Table 1 • ProASIC3 FPGAs Package Sizes Dimensions
Package
CS121
QN48
QN68
QN132
VQ100
TQ144
PQ208
FG144
FG256
FG484
Length × Width
(mm\mm)
6 × 6
6 × 6
8 × 8
8 × 8
14 × 14
20 × 20
28 × 28
13 × 13
17 × 17
23 × 23
Nominal Area
(mm2)
36
36
64
64
196
400
784
169
289
529
Pitch (mm)
0.5
0.4
0.4
0.5
0.5
0.5
0.5
1.0
1.0
1.0
Height (mm)
0.99
0.90
0.90
0.75
1.00
1.40
3.40
1.45
1.60
2.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com