Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F200 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # A2F200
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 4Page - Microsemi Corporation A2F200 Datasheet HTML 5Page - Microsemi Corporation A2F200 Datasheet HTML 6Page - Microsemi Corporation A2F200 Datasheet HTML 7Page - Microsemi Corporation A2F200 Datasheet HTML 8Page - Microsemi Corporation A2F200 Datasheet HTML 9Page - Microsemi Corporation A2F200 Datasheet HTML 10Page - Microsemi Corporation A2F200 Datasheet HTML 11Page - Microsemi Corporation A2F200 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8 www.microsemi.com/soc
• UltralowpowerinFlash*Freeze
mode,aslowas2µW
• Varietyofsmallfootprint
packages as small as 3x3 mm
• Zerolead-timeonselecteddevices
• Knowngooddiesupported
• Enhancedcommercialtemperature
• Reprogrammableflashtechnology
• 1.2Vto1.5Vsingle
voltage operation
• EnhancedI/Ofeatures
• Clockconditioningcircuits(CCCs)
and PLLs
• EmbeddedSRAMand
nonvolatilememory(NVM)
• ISPandsecurity
IGLOO nano
IGLOO nano Devices
I/Os Per Package
IGLOO nano Devices
AGLN010
AGLN020
AGLN060
AGLN125
AGLN250
Known Good Die
34
52
71
71
68
UC36
23
—
—
—
—
QN48
34
—
—
—
—
QN68
—
49
—
—
—
UC81
—
52
—
—
—
CS81
—
52
60
60
60
VQ100
—
—
71
71
68
Theindustry’slowestpower,smallest-sizesolution
IGLOO nano products offer groundbreaking possibilities in power, size, lead-times, operating temperature and cost. Available in logic densities from 10,000 to
250,000 gates, the 1.2 V to 1.5 V IGLOO nano devices have been designed for high-volume applications where power and size are key decision criteria.
IGLOO nano devices are perfect ASIC or ASSP replacements, yet retain the historical FPGA advantages of flexibility and quick time-to-market in low power
and small footprint profiles.
Notes:
1. AGLN030 and smaller devices do not support this feature.
2. AGLN060, AGLN125, and AGLN250 in the CS81 package do not support PLLs.
3. For higher densities and support of additional features, refer to the IGLOO and IGLOOe datasheets and FPGA fabric user’s guides.
Note:
* When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-ended user I/Os available is reduced by one.
IGLOO nano Devices
AGLN010
AGLN020
AGLN060
AGLN125
AGLN250
System Gates
10,000
20,000
60,000
125,000
250,000
Typical Equivalent Macrocells
86
172
512
1,024
2,048
VersaTiles(D-flip-flops)
260
520
1,536
3,072
6,144
Flash*FreezeMode(typical,µW)
2
4
10
16
24
RAMKbits1(1,024bits)
—
—
18
36
36
4,608-BitBlocks1
—
—
4
8
8
FlashROMKbits(1,024bits)
1
1
1
1
1
AES-Protected ISP1
—
—
Yes
Yes
Yes
Integrated PLL in CCCs1,2
—
—
1
1
1
VersaNetGlobals
4
4
18
18
18
I/OBanks
2
3
2
2
4
Maximum User I/Os (packaged device)
34
52
71
71
68
Known Good Die User I/Os
34
52
71
71
68
Package Pins
UC
CS
QN
VQ
UC36
QN48
UC81
CS81
QN68
CS81
VQ100
CS81
VQ100
CS81
VQ100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com