Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373CCT6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F373CCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CCT6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F373CCT6 Datasheet HTML 15Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 16Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 17Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 18Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 19Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 20Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 21Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 22Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 131 page
background image
DocID022691 Rev 4
19/131
STM32F37xxx
Functional overview
47
3.15
Fast comparators (COMP)
The STM32F373x embeds up to 2 comparators with rail-to-rail inputs and high-speed
output. The reference voltage can be internal or external (delivered by an I/O).
The threshold can be one of the following:
•
DACs channel outputs
•
External I/O
•
Internal reference voltage (VREFINT) or submultiple (1/4 VREFINT, 1/2 VREFINT and 3/4
VREFINT)
The comparators can be combined into a window comparator.
Both comparators can wake up the device from Stop mode and generate interrupts and
breaks for the timers.
3.16
Touch sensing controller (TSC)
The devices provide a simple solution for adding capacitive sensing functionality to any
application. Capacitive sensing technology is able to detect the presence of a finger near an
electrode which is protected from direct touch by a dielectric (glass, plastic, ...). The
capacitive variation introduced by the finger (or any conductive object) is measured using a
proven implementation based on a surface charge transfer acquisition principle. It consists
of charging the electrode capacitance and then transferring a part of the accumulated
charges into a sampling capacitor until the voltage across this capacitor has reached a
specific threshold. To limit the CPU bandwidth usage this acquisition is directly managed by
the hardware touch sensing controller and only requires few external components to
operate.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware
library, which is free to use and allows touch sensing functionality to be implemented reliably
in the end application.
Up to 24 touch sensing electrodes can be controlled by the TSC. The touch sensing I/Os are
organized in 8 acquisition groups, with up to 4 I/Os in each group.
Table 3. Capacitive sensing GPIOs available on STM32F373x devices
Group
Capacitive sensing
signal name
Pin name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB14
TSC_G2_IO2
PA5
TSC_G6_IO2
PB15
TSC_G2_IO3
PA6
TSC_G6_IO3
PD8
TSC_G2_IO4
PA7
TSC_G6_IO4
PD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com