Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT424012AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT424012AP
Description  General Purpose Relays PCB Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT424012AP Datasheet(HTML) 3 Page - Tyco Electronics

  RT424012AP Datasheet HTML 1Page - Tyco Electronics RT424012AP Datasheet HTML 2Page - Tyco Electronics RT424012AP Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT2-AP (Continued)
Product code
Version
Contacts
Contact material
Coil
Part number
RT424005AP
8A,
2 form C (CO)
AgNi 90/10
5 VDC
1-1649329-0
RT424009AP
pinning 5mm,
contacts
9 VDC
1-1649329-2
RT424012AP
flux proof
12 VDC
1-1649329-3
RT424024AP
24 VDC
1-1649329-5
RT424048AP
48 VDC
1-1649329-6
RTE24005AP
8A,
5 VDC
1649329-1
RTE24012AP
pinning 5mm,
12 VDC
1649329-4
RTE24024AP
wash tight
24 VDC
1649329-6
RTE24048AP
48 VDC
1649329-7
RTE24110AP
110 VDC
1649329-9
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
4
2
4
024
AP
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
AP Standard version
WGAP
Product in accordance with IEC 60335-1 (domestic appliances)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com