Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWR-PROTO Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # TWR-PROTO
Description  Freescale - TWR-S08LL64-KIT - Development Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-PROTO Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  TWR-PROTO Datasheet HTML 1Page - Freescale Semiconductor, Inc TWR-PROTO Datasheet HTML 2Page - Freescale Semiconductor, Inc TWR-PROTO Datasheet HTML 3Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Your Electronic Engineering Resource 
 
Freescale - TWR-S08LL64-KIT - Development Kit
Product Overview:
The cost effective TWR-S08LL64-KIT development
tool is part of the Tower System and features the
MC9S08LL64 segment LCD controller. It provides
everything a designer needs to develop and evaluate
application code. The integrated OSBDM allows a
designer to communicate with the board and target
device with only a USB cable and the board highlights
the MCU's low power features.
Kit Contents:
TWR-S08LL64 - 8-bit Segment LCD module that features the MC9S08LL64
TWR-PROTO - Prototyping module with perfboard area
TWR-ELEV - Two elevator boards that provide structural integrity, communications interfaces,
power regulation circuitry with standardized bus
Necessary cables
An interactive DVD with lab tutorials, software, training and collateral
A printed guide on how to quickly get started using the development kit
Key Features:
5 K One Turn Potentiometer
RS232 port
MC9S08LL64 MCU
32,768 Hz Crystal
Freescale 3 axis accelerometer ADC input to MCU
Buzzer
Light Sensor with LP filter and opamp
Mini-B USB connector
1 reset push button and 4 push switches
2 x 28 segments LCD display
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.


Similar Part No. - TWR-PROTO

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PROTO FREESCALE-TWR-PROTO Datasheet
167Kb / 2P
Quick Start Guide for TWR-PROTO TOWER SYSTEM
More results

Similar Description - TWR-PROTO

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200DK ATMEL-AT91RM9200DK Datasheet
1Mb / 35P
AT91RM9200 Development Kit
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
SOFTWARE DEVELOPMENT KIT
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
Advantech Co., Ltd.
ROM-DK7420 ADVANTECH-ROM-DK7420_14 Datasheet
905Kb / 2P
Development kit for Freescale i.MX6 Qseven Module ROM-7420
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
WT11i DEVELOPMENT KIT
Version 1.5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com