Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA450 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APA450
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA450 Datasheet(HTML) 2 Page - Microsemi Corporation

  APA450 Datasheet HTML 1Page - Microsemi Corporation APA450 Datasheet HTML 2Page - Microsemi Corporation APA450 Datasheet HTML 3Page - Microsemi Corporation APA450 Datasheet HTML 4Page - Microsemi Corporation APA450 Datasheet HTML 5Page - Microsemi Corporation APA450 Datasheet HTML 6Page - Microsemi Corporation APA450 Datasheet HTML 7Page - Microsemi Corporation APA450 Datasheet HTML 8Page - Microsemi Corporation APA450 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 174 page
background image
ProASICPLUS Flash Family FPGAs
ii
v5.2
Ordering Information
Plastic Device Resources
User I/Os2
Commercial/Industrial
Military
Device
TQFP
100-Pin
TQFP
144-Pin
PQFP
208-Pin
PBGA
456-Pin
FBGA
144-Pin
FBGA
256-Pin
FBGA
484-Pin
FBGA
676-Pin
FBGA
896-Pin
FBGA
1152-Pin
CQFP
208-Pin
CQFP
352-Pin
CCGA/LGA
624-Pin
APA075
66
107
158
100
APA150
66
158
242
100
186 3
APA300
158
290
100
186 3
158
248
APA450
158
344
100
186 3
344 3
APA600
158
356
186 3
370 3
454
158
248
440
APA750
158
356
454
562 4
APA1000
158
356
642 4
712 4
158
248
440
Notes:
1. Package Definitions: TQFP = Thin Quad Flat Pack, PQFP = Plastic Quad Flat Pack, PBGA = Plastic Ball Grid Array, FBGA = Fine Pitch Ball Grid
Array, CQFP = Ceramic Quad Flat Pack, CCGA = Ceramic Column Grid Array, LGA = Land Grid Array
2. Each pair of PECL I/Os is counted as one user I/O.
3. FG256 and FG484 are footprint-compatible packages.
4. FG896 and FG1152 are footprint-compatible packages.
APA1000
FG
_
Part Number
Speed Grade
Blank = Standard Speed
F
F
= 20% Slower than Standard
Package Type
PQ = Plastic Quad Flat Pack (0.5mm pitch)
TQ = Thin Quad Flat Pack (0.5mm pitch)
FG
= Fine Pitch Ball Grid Array (1.0mm pitch)
BG = Plastic Ball Grid Array (1.27mm pitch)
CQ = Ceramic Quad Flat Pack (1.05mm pitch)
CG = Ceramic Column Grid Array (1.27mm pitch)
LG
= Land Grid Array (1.27 mm pitch)
1152
I
Package Lead Count
Application (Ambient Temperature Range)
G
Lead-free packaging
Blank = Standard Packaging
G = RoHS Compliant (Green) Packaging
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
PP = Pre-production
ES = Engineering Silicon (Room Temperature Only)
M = Military (-55˚C to 125˚C)
B = MIL-STD-883 Class B
150,000 Equivalent System Gates
APA150 =
75,000 Equivalent System Gates
APA075 =
APA300
300,000 Equivalent System Gates
=
APA450
450,000 Equivalent System Gates
=
APA600
600,000 Equivalent System Gates
=
APA750
750,000 Equivalent System Gates
=
APA1000
1,000,000 Equivalent System Gates
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com