Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA300 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # APA300
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA300 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button APA300 Datasheet HTML 47Page - Microsemi Corporation APA300 Datasheet HTML 48Page - Microsemi Corporation APA300 Datasheet HTML 49Page - Microsemi Corporation APA300 Datasheet HTML 50Page - Microsemi Corporation APA300 Datasheet HTML 51Page - Microsemi Corporation APA300 Datasheet HTML 52Page - Microsemi Corporation APA300 Datasheet HTML 53Page - Microsemi Corporation APA300 Datasheet HTML 54Page - Microsemi Corporation APA300 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-47
Table 1-35 • Worst-Case Military Conditions
VDDP = 3.0V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.
Std.
IB33
3.3V, CMOS Input Levels3, No Pull-up Resistor
0.5
0.6
ns
IB33S
3.3V, CMOS Input Levels3, No Pull-up Resistor, Schmitt Trigger
0.6
0.8
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. LVTTL delays are the same as CMOS delays.
4. For LP Macros, VDDP=2.3V for delays.
Table 1-36 • Worst-Case Military Conditions
VDDP = 2.3V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.
Std.
IB25LP
2.5V, CMOS Input Levels3, Low Power
0.9
0.7
ns
IB25LPS
2.5V, CMOS Input Levels3, Low Power, Schmitt Trigger
0.8
1.0
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. LVTTL delays are the same as CMOS delays.
4. For LP Macros, VDDP=2.3V for delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com