Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA1000 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # APA1000
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA1000 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button APA1000 Datasheet HTML 17Page - Microsemi Corporation APA1000 Datasheet HTML 18Page - Microsemi Corporation APA1000 Datasheet HTML 19Page - Microsemi Corporation APA1000 Datasheet HTML 20Page - Microsemi Corporation APA1000 Datasheet HTML 21Page - Microsemi Corporation APA1000 Datasheet HTML 22Page - Microsemi Corporation APA1000 Datasheet HTML 23Page - Microsemi Corporation APA1000 Datasheet HTML 24Page - Microsemi Corporation APA1000 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-17
Figure 1-16 • Using the PLL 33 MHz In, 133 MHz Out
Figure 1-17 • Using the PLL 40 MHz In, 50 MHz Out
÷n
÷m
÷u
÷v
D
D
D
D
PLL Core
External Feedback
Global MUX B OUT
Global MUX A OUT
GLB
GLA
0
˚
90
180˚
270˚
˚
33 MHz
133 MHz
÷4
÷1
÷1
÷n
÷m
÷u
÷v
D
D
D
D
PLL Core
External Feedback
Global MUX B OUT
Global MUX A OUT
GLB
GLA
0˚
90˚
180˚
270˚
40 MHz
50 MHz
÷5
÷4
÷1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com