Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5016BFLL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT5016BFLL
Description  POWER MOS 7 R FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT5016BFLL Datasheet(HTML) 1 Page - Microsemi Corporation

  APT5016BFLL Datasheet HTML 1Page - Microsemi Corporation APT5016BFLL Datasheet HTML 2Page - Microsemi Corporation APT5016BFLL Datasheet HTML 3Page - Microsemi Corporation APT5016BFLL Datasheet HTML 4Page - Microsemi Corporation APT5016BFLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
G
D
S
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
TO-247
D3PAK
APT5016BFLL
APT5016SFLL
500V 30A 0.160Ω
Ω
Ω
Ω
Ω
• Lower Input Capacitance
• Increased Power Dissipation
• Lower Miller Capacitance
• Easier To Drive
• Lower Gate Charge, Qg
• TO-247 or Surface Mount D3PAK Package
•
FAST RECOVERY BODY DIODE
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250µA)
Drain-Source On-State Resistance 2 (V
GS = 10V, 15A)
Zero Gate Voltage Drain Current (V
DS = 500V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 400V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 1mA)
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J,TSTG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current 1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
µA
nA
Volts
MIN
TYP
MAX
500
0.160
250
1000
±100
35
APT5016BFLL_SFLL
500
30
120
±30
±40
329
2.63
-55 to 150
300
30
30
1300
Power MOS 7
® is a new generation of low loss, high voltage, N-Channel
enhancement mode power MOSFETS. Both conduction and switching
losses are addressed with Power MOS 7
® by significantly lowering R
DS(ON)
and Q
g. Power MOS 7
® combines lower conduction and switching losses
along with exceptionally fast switching speeds inherent with APT's
patented metal gate structure.
POWER MOS 7 R FREDFET


Similar Part No. - APT5016BFLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5016BFLL ADPOW-APT5016BFLL Datasheet
63Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT5016BFLL ADPOW-APT5016BFLL Datasheet
200Kb / 5P
POWER MOS 7 FREDFET
logo
Inchange Semiconductor ...
APT5016BFLL ISC-APT5016BFLL Datasheet
419Kb / 2P
isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT5016BFLL ADPOW-APT5016BFLL_04 Datasheet
200Kb / 5P
POWER MOS 7 FREDFET
More results

Similar Description - APT5016BFLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M34BFLL ADPOW-APT20M34BFLL_04 Datasheet
205Kb / 5P
POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT50M38JFLL MICROSEMI-APT50M38JFLL_04 Datasheet
157Kb / 5P
POWER MOS 7 R FREDFET
logo
Advanced Power Technolo...
APT50M65B2FLL ADPOW-APT50M65B2FLL_03 Datasheet
102Kb / 5P
POWER MOS 7 R FREDFET
APT50M75B2FLL ADPOW-APT50M75B2FLL_04 Datasheet
167Kb / 5P
POWER MOS 7 R FREDFET
APT60M60JFLL ADPOW-APT60M60JFLL_03 Datasheet
111Kb / 5P
POWER MOS 7 R FREDFET
APT60M75JFLL ADPOW-APT60M75JFLL_04 Datasheet
164Kb / 5P
POWER MOS 7 R FREDFET
APT60M75L2FLL ADPOW-APT60M75L2FLL_04 Datasheet
156Kb / 5P
POWER MOS 7 R FREDFET
APT1001R6BFLL ADPOW-APT1001R6BFLL Datasheet
153Kb / 5P
POWER MOS 7 R FREDFET
APT5518BFLLG ADPOW-APT5518BFLLG Datasheet
96Kb / 5P
POWER MOS 7 R FREDFET
logo
Microsemi Corporation
APT1201R4BFLL MICROSEMI-APT1201R4BFLL Datasheet
418Kb / 5P
POWER MOS 7 R FREDFET
Rev C 2-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com