Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT10035B2FLL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT10035B2FLL
Description  Power MOS 7is a new generation of low loss, high voltage, N-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT10035B2FLL Datasheet(HTML) 1 Page - Microsemi Corporation

  APT10035B2FLL Datasheet HTML 1Page - Microsemi Corporation APT10035B2FLL Datasheet HTML 2Page - Microsemi Corporation APT10035B2FLL Datasheet HTML 3Page - Microsemi Corporation APT10035B2FLL Datasheet HTML 4Page - Microsemi Corporation APT10035B2FLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250µA)
On State Drain Current 2 (V
DS
> I
D(on)
x R
DS(on)
Max, V
GS
= 10V)
Drain-Source On-State Resistance 2
(V
GS
= 10V, 14A)
Zero Gate Voltage Drain Current (V
DS
= 1000V, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 800V, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 2.5mA)
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
I
D(on)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Amps
Ohms
µA
nA
Volts
MIN
TYP
MAX
1000
28
0.37
250
1000
±100
35
APT10035
1000
28
112
±30
±40
690
5.5
-55 to 150
300
28
50
3000
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
T-MAX™
G
D
S
TO-264
B2FLL
LFLL
APT10035B2FLL(G)
APT10035LFLL
(G)
1000V 28A 0.37
Ω
Ω
Ω
Ω
Ω
• Lower Input Capacitance
• Increased Power Dissipation
• Lower Miller Capacitance
• Easier To Drive
• Lower Gate Charge, Qg
• Popular T-MAX™ or TO-264 Package
• FAST RECOVERY BODY DIODE
Power MOS 7
® is a new generation of low loss, high voltage, N-Channel
enhancement mode power MOSFETS. Both conduction and switching
losses are addressed with Power MOS 7
® by significantly lowering R
DS(ON)
and Q
g. Power MOS 7
® combines lower conduction and switching losses
along with exceptionally fast switching speeds inherent with APT's
patented metal gate structure.
POWER MOS 7
R
FREDFET


Similar Part No. - APT10035B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10035B2FLL ADPOW-APT10035B2FLL Datasheet
63Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10035B2FLL ADPOW-APT10035B2FLL Datasheet
92Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT10035B2FLL ISC-APT10035B2FLL Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT10035B2FLL ADPOW-APT10035B2FLL_03 Datasheet
92Kb / 5P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results

Similar Description - APT10035B2FLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10021JFLL ADPOW-APT10021JFLL Datasheet
71Kb / 2P
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10026L2LL ADPOW-APT10026L2LL Datasheet
64Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10045JLL ADPOW-APT10045JLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10078BLL ADPOW-APT10078BLL Datasheet
69Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT10090BFLL ADPOW-APT10090BFLL Datasheet
71Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M20JFLL ADPOW-APT20M20JFLL Datasheet
63Kb / 2P
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT20M20B2LLG MICROSEMI-APT20M20B2LLG Datasheet
155Kb / 5P
Power MOS 7 is a new generation of low loss, high voltage, N-Channel
APT1003RKLLG MICROSEMI-APT1003RKLLG Datasheet
94Kb / 5P
Power MOS 7 is a new generation of low loss, high voltage, N-Channel
APT5010LLLG MICROSEMI-APT5010LLLG Datasheet
2Mb / 5P
Power MOS 7 is a new generation of low loss, high voltage, N-Channel
APT10026L2LLG MICROSEMI-APT10026L2LLG Datasheet
105Kb / 5P
Power MOS 7 is a new generation of low loss, high voltage, N-Channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com