Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX250 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 1 Page - Microsemi Corporation

  AX250 Datasheet HTML 1Page - Microsemi Corporation AX250 Datasheet HTML 2Page - Microsemi Corporation AX250 Datasheet HTML 3Page - Microsemi Corporation AX250 Datasheet HTML 4Page - Microsemi Corporation AX250 Datasheet HTML 5Page - Microsemi Corporation AX250 Datasheet HTML 6Page - Microsemi Corporation AX250 Datasheet HTML 7Page - Microsemi Corporation AX250 Datasheet HTML 8Page - Microsemi Corporation AX250 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 262 page
background image
March 2012
i
© 2012 Microsemi Corporation
Axcelerator Family FPGAs
Leading-Edge Performance
• 350+ MHz System Performance
• 500+ MHz Internal Performance
• High-Performance Embedded FIFOs
• 700 Mb/s LVDS Capable I/Os
Specifications
• Up to 2 Million Equivalent System Gates
• Up to 684 I/Os
• Up to 10,752 Dedicated Flip-Flops
• Up to 295 kbits Embedded SRAM/FIFO
• Manufactured on Advanced 0.15
μm CMOS Antifuse Process
Technology, 7 Layers of Metal
Features
• Single-Chip, Nonvolatile Solution
• Up to 100% Resource Utilization with 100% Pin Locking
• 1.5 V Core Voltage for Low Power
• Footprint Compatible Packaging
• Flexible, Multi-Standard I/Os:
– 1.5 V, 1.8 V, 2.5 V, 3.3 V Mixed Voltage Operation
– Bank-Selectable I/Os – 8 Banks per Chip
– Single-Ended I/O Standards: LVTTL, LVCMOS, 3.3V PCI,
and 3.3 V PCI-X
– Differential I/O Standards: LVPECL and LVDS
– Voltage-Referenced I/O Standards: GTL+, HSTL Class 1,
SSTL2 Class 1 and 2, SSTL3 Class 1 and 2
– Registered I/Os
– Hot-Swap Compliant I/Os (except PCI)
– Programmable Slew Rate and Drive Strength on Outputs
– Programmable Delay and Weak Pull-Up/Pull-Down Circuits
on Inputs
• Embedded Memory:
– Variable-Aspect 4,608-bit RAM Blocks (x1, x2, x4, x9, x18,
x36 Organizations Available)
– Independent, Width-Configurable Read and Write Ports
– Programmable Embedded FIFO Control Logic
• Segmentable Clock Resources
• Embedded Phase-Locked Loop:
– 14-200 MHz Input Range
– Frequency Synthesis Capabilities up to 1 GHz
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Debug Capability with
Microsemi Silicon Explorer II
• Boundary-Scan Testing Compliant with IEEE Standard 1149.1
(JTAG)
• FuseLock™ Programming Technology Protects Against
Reverse Engineering and Design Theft
Table 1 • Axcelerator Family Product Profile
Device
AX125
AX250
AX500
AX1000
AX2000
Capacity (in Equivalent System Gates)
125,000
250,000
500,000
1,000,000
2,000,000
Typical Gates
82,000
154,000
286,000
612,000
1,060,000
Modules
Register (R-cells)
672
1,408
2,688
6,048
10,752
Combinatorial (C-cells)
1,344
2,816
5,376
12,096
21,504
Maximum Flip-Flops
1,344
2,816
5,376
12,096
21,504
Embedded RAM/FIFO
Number of Core RAM Blocks
4
12
16
36
64
Total Bits of Core RAM
18,432
55,296
73,728
165,888
294,912
Clocks (Segmentable)
Hardwired
4
4
4
4
4
Routed
4
4
4
4
4
PLLs
88
88
8
I/Os
I/O Banks
8
8
8
8
8
Maximum User I/Os
168
248
336
516
684
Maximum LVDS Channels
84
124
168
258
342
Total I/O Registers
504
744
1,008
1,548
2,052
Package
PQ
BG
FG
CQ
CG
256, 324
208
256, 484
208, 352
208
484, 676
208, 352
729
484, 676, 896
352
624
896, 1152
256, 352
624
Revision 18


Similar Part No. - AX250

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250 MICROSEMI-AX250 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX250-1BG896 ACTEL-AX250-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX250-1BG896B ACTEL-AX250-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX250-1BG896I ACTEL-AX250-1BG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX250-1BG896M ACTEL-AX250-1BG896M Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
54SX Family FPGAs
EX128 ETC1-EX128 Datasheet
307Kb / 36P
eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
ACT2 Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
eX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com