Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1000 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # AX1000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX1000 Datasheet(HTML) 2 Page - Microsemi Corporation

  AX1000 Datasheet HTML 1Page - Microsemi Corporation AX1000 Datasheet HTML 2Page - Microsemi Corporation AX1000 Datasheet HTML 3Page - Microsemi Corporation AX1000 Datasheet HTML 4Page - Microsemi Corporation AX1000 Datasheet HTML 5Page - Microsemi Corporation AX1000 Datasheet HTML 6Page - Microsemi Corporation AX1000 Datasheet HTML 7Page - Microsemi Corporation AX1000 Datasheet HTML 8Page - Microsemi Corporation AX1000 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 262 page
background image
Axcelerator Family FPGAs
ii
R evis i o n 18
Ordering Information
Device Resources
User I/Os (Including Clock Buffers)
Package
AX125
AX250
AX500
AX1000
AX2000
PQ208
–
115
115
–
–
CQ208
–
115
115
–
–
CQ256
–
–
–
–
136
FG256
138
138
–
–
–
FG324
168
––
––
CQ352
–
198
198
198
198
FG484
–
248
317
317
–
CG624
–
–
–
418
418
FG676
–
–
336
418
–
BG729
–––
516
–
FG896
–
–
–
516
586
FG1152
–––
–
684
Note:
The FG256, FG324, and FG484 are footprint compatible with one another. The FG676, FG896, and FG1152 are also footprint
compatible with one another.
Lead-Free Packaging
Blank = Standard Packaging
G= RoHS-Compliant Packaging
AX1000
1
FG
_
Blank = Standard Speed
= Approximately 15% Faster than Standard
1
= Approximately 25% Faster than Standard
2
Package Type
= Ball Grid Array (1.27mm pitch)
= Fine Ball Grid Array (1.0mm pitch)
PQ = Plastic Quad Flat Pack (0.5mm pitch)
CQ= Ceramic Quad Flat Pack (0.5mm pitch)
896
I
Package Lead Count
G
Application
Blank = Commercial (0 to +70° C)
I = Industrial (-40 to +85° C)
PP = Pre-Production
125,000 Equivalent System Gates
AX125 =
AX250
250,000 Equivalent System Gates
=
AX500
500,000 Equivalent System Gates
=
AX1000
1,000,000 Equivalent System Gates
=
AX2000
2,000,000 Equivalent System Gates
=
Part Number
Speed Grade
BG
FG
CG= Ceramic Column Grid Array
M = Military (-55 to +125° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com