Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS910-PB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DPS910-PB
Description  Zweitast-Codierschalter Dual push button switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPS910-PB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DPS910-PB Datasheet HTML 1Page - List of Unclassifed Manufacturers DPS910-PB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DPS9
CODIERUNGEN / CODES
Pos
Decimal
10
Code:
DPS9 111
BCD
10
Code:
DPS9 131
BCD Complement
10
Code:
DPS9 137
Hexadecimal
16
Code:
DPS9 301
Codiertabellen siehe Seite 211 / Coding tables please see page 211
Kurz / Short
Code:
DPS9
AK
Lang / Long
Code:
DPS9
AL
PRINTPLATTE / PCB
FARBE / COLOUR
Gehäuse schwarz, Ziffernrolle schwarz, Beschriftung weiß / housing black, drum black, digits white
Code:
DPS9
2
Abschlussplattenpaar / Pair of end plates
Code:
DPS9/10-P/B
Abschlussplattenpaar / Pair of end plates
Code:
DPS9/10-P
ZUBEHÖR / ACCESSORIES
±
kurzschließende Schaltweise / shorting switching mode
Bei binärcodierten Ausführungen sind die Ausgangsleitungen werksseitig unterbrochen.
For binary coded versions the output tracks are disconnected in the factory.
Bohrungen Ø1mm für Löt- und Steckanschluss /Through holes Ø1mm for soldering /socket connections
195



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com