Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT80GA60B Datasheet(PDF) 21 Page - Microsemi Corporation

Part # APT80GA60B
Description  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA60B Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button APT80GA60B Datasheet HTML 17Page - Microsemi Corporation APT80GA60B Datasheet HTML 18Page - Microsemi Corporation APT80GA60B Datasheet HTML 19Page - Microsemi Corporation APT80GA60B Datasheet HTML 20Page - Microsemi Corporation APT80GA60B Datasheet HTML 21Page - Microsemi Corporation APT80GA60B Datasheet HTML 22Page - Microsemi Corporation APT80GA60B Datasheet HTML 23Page - Microsemi Corporation APT80GA60B Datasheet HTML 24Page - Microsemi Corporation APT80GA60B Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
Power Module Part Numbering System
II
I
III
IV
VI
V
VII
VIII
II
I
III
IV
V
VI
VII
II
I
III
IV
VI
V
VII
Trade Mark
IGBT Type:
GF = NPT or NPT FAST
GFQ = NPT ULTRA FAST
GL = TRENCH 4
GT = TRENCH 3
GV = Mix NPT/TRENCH
CV = Mix TRENCH/CoolMOS
Current:
Ic @ Tc=80°C
Topology:
A = Phase Leg
BB = Boost Buck
DA = Boost Chopper
DDA = Double Boost Chopper
DH = Asymmetrical Bridge
DSK = Double Buck Chopper
DU = Dual Common Source
H = Full Bridge
HR = T-Type 3-Level
SDA = Double Boost + Bypass Diode
SK = Buck Chopper
TA = Triple Phase Leg
TDU = Triple Dual Common Source
TL = Three Level
U = Single Switch
VDA = Interleaved PFC
X = Three Phase Bridge
Blocking Voltage:
60 = 600V
120 = 1200V
170 = 1700V
Option:
A = AIN Substrate
C = SiC Diode
D = Series Diode
T = Temperature Sensor
W = Clamping Parallel Diode
Package:
1 = SP1
2 = SP2
3 = SP3
P = SP6-P
D1 = D1 (34mm)
D3 = D3 (62mm)
D4 = D4 (62mm)
G = RoHS Compliant
Trade Mark
MOSFET Type:
MC = MOSFET SiC
M = MOSFET
C = CoolMOS
Blocking Voltage:
08 = 75V
80 = 800V
10 = 100V
90 = 900V
20 = 200V
100 = 100V
50 = 500V
120 = 120V
60 = 600V
Topology:
A = Phase Leg
BB = Boost Buck
DA = Boost Chopper
DDA = Double Boost Chopper
DH = Asymmetrical Bridge
DSK = Double Buck Chopper
DU = Dual Common Source
H = Full Bridge
HR = T-Type 3-Level
SDA = Double Boost + Bypass Diode
SK = Buck Chopper
TA = Triple Phase Leg
TDU = Triple Dual Common Source
TL = Three Level NPC
U = Single Switch
VDA = Interleaved PFC
RDSON @ Tc=25°C
240
24
M24
Option:
A = AlN Substrate
C = SiC Diode
D = Series Diode
F = FREDFET
S = Series and Parallel Diodes
T = Temperature Sensor
U = Ultrafast FREDFET
Package:
1 = SP1
2 = SP2
3 = SP3
P = SP6-P
G = RoHS Compliant
Trade Mark
Diode Type:
DF = FRED
DR
DC = SiC
DSK = Schottky
Current:
IF @ Tc=80°C
Topology:
AA = Dual Common Anode
BB = Boost Buck
AK = Dual Series
KK = Dual Common Cathode
H = Single Phase Bridge
U = Single Switch
X = Three Phase Bridge
Blocking Voltage:
20 = 200V
40 = 400V
60 = 600V
100 = 1000V
120 = 1200V
160 = 1600V
170 = 1700V
Package:
1 = SP1
3 = SP3
G = RoHS Compliant
IGBT Modules
MOSFET Modules
Diode Modules
I
II
III IV
V VI VII VIII
I
II
III
IV
V
VI VII VIII
I
II
III IV
V VI VII
APT GL 475 A 120 T D3
G
APT
C
60 DA M24 T 1
G
APT DR
90
X 160 1
G
VIII
Optional Materials
Optional materials are available upon demand on most of the
listed standard power modules. Options are indicated with a
letter in the suffix of the module part number. Temperature
Sensor Option is indicated in the catalog with "YES" or
"option" when available on standard part or on demand.
A
M
T
C
N
E
AIN Substrate for higher thermal conductivity
AlSiC Base plate material for improved temperature cycling capabilities
Temperature Sensor (NTC or PTC) for Case Temperature information
SiC Diode for higher efficiency
Si3N4 Substrate
Press fit terminals (for SP3 package only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com