Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDAC85 Datasheet(PDF) 13 Page - Analog Devices

Part # ADDAC85
Description  Complete Low Cost 12-Bit D/A Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDAC85 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADDAC85 Datasheet HTML 8Page - Analog Devices ADDAC85 Datasheet HTML 9Page - Analog Devices ADDAC85 Datasheet HTML 10Page - Analog Devices ADDAC85 Datasheet HTML 11Page - Analog Devices ADDAC85 Datasheet HTML 12Page - Analog Devices ADDAC85 Datasheet HTML 13Page - Analog Devices ADDAC85 Datasheet HTML 14Page - Analog Devices ADDAC85 Datasheet HTML 15Page - Analog Devices ADDAC85 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
ADDAC80/ADDAC85/ADDAC87
–13–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Plastic DIP (N-24A)
24
112
13
PIN 1
0.580 (14.73)
0.485 (12.32)
1.290 (32.70)
1.150 (29.30)
0.195 (4.95)
0.125 (3.18)
0.015 (0.381)
0.008 (0.204)
0.625 (15.87)
0.600 (15.24)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.250
(6.35)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
0.100
(2.54)
BSC
0.070 (1.77)
0.030 (0.77)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS: INCH DIMENSIONS
ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE
ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
24-Lead Ceramic DIP (D-24)
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.075 (1.91)
0.015 (0.38)
0.225 (5.72)
MAX
0.200 (5.08)
0.120 (3.05)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
1.290 (32.77) MAX
24
112
13
0.610 (15.49)
0.500 (12.70)
PIN 1
0.098 (2.49) MAX
0.005 (0.13) MIN
0.620 (15.75)
0.590 (14.99)
0.015 (0.38)
0.008 (0.20)
NOTES
1. INDEX AREA; A NOTCH OR A LEAD ONE IDENTIFICATION MARK IS LOCATED ADJACENT TO LEAD ONE.
2. THE MINIMUM LIMIT FOR DIMENSION MAY BE 0.023" (0.58 mm) FOR ALL FOUR CORNER LEADS ONLY.
3. DIMENSION SHALL BE MEASURED FROM THE SEATING PLANE TO THE BASE PLANE.
4. THIS DIMENSION ALLOWS FOR OFF-CENTER LID, MENISCUS AND GLASS OVERRUN.
5. APPLIES TO ALL FOUR CORNERS.
6. ALL LEADS — INCREASE MAXIMUM LIMIT BY 0.003" (0.08 mm) MEASURED AT THE CENTER OF THE FLAT,
WHEN HOT SOLDER DIP LEAD FINISH IS APPLIED.
7. TWENTY TWO SPACES.
8. CONTROLLING DIMENSIONS ARE IN MILLIMETERS. INCH DIMENSIONS ARE ROUNDED-OFF MILLIMETER
EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
SEE NOTE 5
SEE NOTE 1
SEE NOTE 7
SEE NOTE 3
SEE NOTE 2, 6
SEE NOTE 4
0.110 (2.79)
0.090 (2.29)
SEE NOTE 4
SEE NOTE 6
Table V. External Op Amp Voltage Mode Connections
Output
Digital
Connect
Connect
Connect
Connect
Range
Input Codes
A to
Pin 17 to
Pin 19 to
Pin 16 to
±10 V
COB or CTC
19
15
A
24
±5 V
COB or CTC
18
15
NC
24
±2.5 V
COB or CTC
18
15
15
24
0 V to 10 V
CSB
18
21
NC
24
0 V to 5 V
CSB
18
21
15
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com