Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2142 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2142
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2142 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2142 Datasheet HTML 1Page - Diodes Incorporated AP2142 Datasheet HTML 2Page - Diodes Incorporated AP2142 Datasheet HTML 3Page - Diodes Incorporated AP2142 Datasheet HTML 4Page - Diodes Incorporated AP2142 Datasheet HTML 5Page - Diodes Incorporated AP2142 Datasheet HTML 6Page - Diodes Incorporated AP2142 Datasheet HTML 7Page - Diodes Incorporated AP2142 Datasheet HTML 8Page - Diodes Incorporated AP2142 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP2142/ AP2152
Document number: DS31571 Rev. 6 - 2
2 of 17
www.diodes.com
January 2013
© Diodes Incorporated
AP2142/ AP2152
Available Options
Part Number
Channel
Enable Pin
(EN)
Current Limit
(typ)
Recommended Maximum
Continuous Load Current
AP2142
2
Active Low
0.8A
0.5A
AP2152
2
Active High
0.8A
0.5A
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8
MSOP-8EP
GND
1
1
Ground
IN
2
2
Voltage input pin
EN1
3
3
Switch 1 enable input, active low (AP2142) or active high (AP2152)
EN2
4
4
Switch 2 enable input, active low (AP2142) or active high (AP2152)
FLG2
5
5
Switch 2 over-current and over-temperature fault report; open-drain flag is active low when triggered
OUT2
6
6
Switch 2 voltage output pin
OUT1
7
7
Switch 1 voltage output pin
FLG1
8
8
Switch 1 over-current and over-temperature fault report; open-drain flag is active low when triggered
Exposed Tab
—
Exposed Tab
Exposed pad. It should be connected to GND and thermal mass for enhanced thermal impedance.
It should not be used as electrical ground conduction path.
Functional Block Diagram
The rm a l
S ense
Driv e r
FL G 2
OUT 2
GN D
IN
EN2
UV L O
Cu rre n t
Lim it
De g litc h
Th e rm a l
Se n se
Drive r
UV L O
C u rrent
Lim it
De g litc h
OUT 1
FLG 1
EN 1
GND
Cu rre n t
S ense
Cu rre n t
S ense
A P 2142 , A P 2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com