Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24830 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems MP24830 Datasheet HTML 10Page - Monolithic Power Systems MP24830 Datasheet HTML 11Page - Monolithic Power Systems MP24830 Datasheet HTML 12Page - Monolithic Power Systems MP24830 Datasheet HTML 13Page - Monolithic Power Systems MP24830 Datasheet HTML 14Page - Monolithic Power Systems MP24830 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
13
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ceramic capacitors with X7R dielectrics with low
ESR and small temperature coefficients.
Select a large-enough capacitor to limit input
the voltage ripple, ΔVIN, to less than 5% to 10%
of the DC value.
L_ AVG
OUT
IN
SW
IN
IN
OUT
IV
C
fV
(V
V
)

Selecting the Output Capacitor
The output capacitor limits the output voltage
ripple, ΔVOUT (normally less than 1% to 5% of
the DC value), and ensures feedback loop
stability.
Use
an
output
capacitor
with
impedance at the switching frequency. Use
ceramic capacitors with low ESR characteristics.
LED
OUT
OUT
SW
OUT
IN
OUT
IV
C
fV
(V
V
)

PC Board Layout
Place the high-current paths (VSS, VDD and
SW) very close to the device with short, direct,
and wide traces. Place the input capacitor as
close as possible to the VDD and VSS pins.
Place the external feedback resistors next to
the FB pin. Keep the switch node traces short
and away from the feedback network.
Pay special attention is required to the
switching frequency loop layout, which should
be as small as possible.
For buck applications, the switching frequency
loop is composed of the input capacitor, the
power MOSFET and the Schottky diode. Place
the Schottky diode close to the power MOSFET
and the input capacitor.
For buck-boost or boost applications, the
switching frequency loop is composed of the
input capacitor, the power MOSFET, the
Schottky diode and the output capacitor. Make
this component loop as small as possible. For
most applications, place the output capacitor
close to the input capacitor and the power
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com