Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF2010-2R2M Datasheet(PDF) 19 Page - Skyworks Solutions Inc.

Part # LPF2010-2R2M
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LPF2010-2R2M Datasheet(HTML) 19 Page - Skyworks Solutions Inc.

Back Button LPF2010-2R2M Datasheet HTML 14Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 15Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 16Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 17Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 18Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 19Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 20Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 21Page - Skyworks Solutions Inc. LPF2010-2R2M Datasheet HTML 22Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
AAT1171 Losses
PTOTAL
= 0.62 · 0.29
Ω + (5ns · 2.0MHz · 0.6A + 60µA) · 4.2V = 104mW
= IO2 · RDS(ON) + (tsw · FS · IO + IQ) · VIN
TJ(MAX) = PTOTAL · ΘJA + TAMB = 104mW · 50°C/W = 5.2°C + 70°C = 75.2°C
AAT1171 Dropout Losses
PTOTAL
= 0.62 · 310m
Ω + 100µA · 3.5V = 112mW
= IO2 · RDS(ON)(HS) + IQ · VIN
TJ(MAX) = PTOTAL · ΘJA + TAMB = 112mW · 50°C/W = 5.6°C + 70°C = 75.6°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com