Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24943DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24943DN
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP24943DN Datasheet HTML 3Page - Monolithic Power Systems MP24943DN Datasheet HTML 4Page - Monolithic Power Systems MP24943DN Datasheet HTML 5Page - Monolithic Power Systems MP24943DN Datasheet HTML 6Page - Monolithic Power Systems MP24943DN Datasheet HTML 7Page - Monolithic Power Systems MP24943DN Datasheet HTML 8Page - Monolithic Power Systems MP24943DN Datasheet HTML 9Page - Monolithic Power Systems MP24943DN Datasheet HTML 10Page - Monolithic Power Systems MP24943DN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
7
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=220μF, C2=2.2μF, C3=100μF, C4=22μF, L=33μH, TA=25°C,unless otherwise noted.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IOUT
5A/div.
VSW
10V/div.
VOUT
5V/div.
IOUT
5A/div.
VSW
10V/div.
VOUT
1V/div.
IOUT
5A/div.
VSW
10V/div.
VOUT
5V/div.
IOUT
5A/div.
VOUT/AC
200mV/div.
IOUT
2A/div.
VO
1V/div.
VOUT
5V/div.
VSW
10V/div.
IOUT
5A/div.
VO
1V/div.
VSW
10V/div.
VOUT
5V/div.
IOUT
5A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com