Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971DS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP24971DS
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971DS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP24971DS Datasheet HTML 5Page - Monolithic Power Systems MP24971DS Datasheet HTML 6Page - Monolithic Power Systems MP24971DS Datasheet HTML 7Page - Monolithic Power Systems MP24971DS Datasheet HTML 8Page - Monolithic Power Systems MP24971DS Datasheet HTML 9Page - Monolithic Power Systems MP24971DS Datasheet HTML 10Page - Monolithic Power Systems MP24971DS Datasheet HTML 11Page - Monolithic Power Systems MP24971DS Datasheet HTML 12Page - Monolithic Power Systems MP24971DS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
9
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Main Control Loop
The MP24971 is a current-mode buck regulator
where the output voltage of the error amplifier
(EA) is proportional to the peak inductor
current.
When a cycle starts, SW is disconnected and
the EA output voltage is higher than the current
sense amplifier (CSA) output. The rising edge
of the 100kHz CLK signal sets the RS flip-flop,
which connects SW and the inductor to the
input supply.
The CSA amplifies the rising inductor current.
The PWM comparator (PWMCOMP) compares
sum of the CSA output and the ramp
compensation (positive input) against the EA
output (negative input). When the positive
PWMCOMP input exceeds the negative PWMCOMP
input, the RS flip-flop resets and the MP24971
reverts to its initial SW off state: Otherwise, the
falling edge of the CLK resets the flip-flop.
The EA amplifies the voltage difference
between VOUT (connected through the VOS pin)
and the 800mV reference: Because VOUT
connects to the negative input of the EA, when
VOUT drops below 5V, the EA output increases.
Since the EA output voltage is proportional to
the peak inductor current, an increase in
inductor voltage increases current delivered to
the
output.
An
external
Schottky
Diode
dissipates the inductor current when SW is off.
Hiccup-Mode Current Limit Protection
The ISP and ISN pins sense the output current
information for current limit protection. Once the
VSENSE exceeds the 100mV voltage limit
threshold, the current limit loop will turn off the
high-side MOSFET immediately. The internal
soft-start circuit resets after the VOS voltage
drops below 1.9V and VCOMP rises above 3V; at
this point, the high side switch turns on and
MP24971 restarts with a full soft start. This
hiccup process repeats until the device stops
detecting a fault.
The current limit value can be lowered by an
internal current source and external resistors
connected to ISN and ISP pins when the output
voltage drops below 200mV. This feature can
greatly reduce the average short circuit current.
Output Over-Voltage Protection
The
MP24971
has
output
over-voltage
protection to prevent the output voltage from
rising above a threshold of 6V—such as if the
output sense is left open—and prevents any
voltage damage to the circuit load. If the output
voltage—as sensed by the ISN pin—rises
above 6V, the high-side MOSFET will turn off
immediately and part will be lathed off after a
timer delay.
Output-Line–Drop Compensation
MP24971 is capable of compensating an output
voltage drop—such as high impedance caused
by a very long trace—to keep a constant 5V
load-side voltage. Compensation feedback
comes from the VOS pin and through the RTOP
resistor. Program the load line compensation
gain using a resistor connected to VOC pin,
selected based on RSENSE and RTRACE (Figure 2)
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com