Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP26101 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems MP26101 Datasheet HTML 11Page - Monolithic Power Systems MP26101 Datasheet HTML 12Page - Monolithic Power Systems MP26101 Datasheet HTML 13Page - Monolithic Power Systems MP26101 Datasheet HTML 14Page - Monolithic Power Systems MP26101 Datasheet HTML 15Page - Monolithic Power Systems MP26101 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.0
www.MonolithicPower.com
13
9/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current
The sense resistor RS1 sets the charge current
as per the following equation:
)
RS1(m
200mV
(A)
I
CHG
(1)
Table2—ICHG Setting
ICHG(A)
RS(mΩ)
2
100
1.5
133
1
200
0.8
250
0.5
400
Selecting the Inductor
Select an inductor with a typical value between
1µH and 10µH using the following equation.
OUT
IN
OUT
IN
L
OSC
V(V
V
)
L
VI
f

 
(2)
Where ΔIL is the inductor ripple current. VOUT is
the battery voltage.
Choose
an
inductor
current
equal
to
approximately 30% of the maximum charge
current, 2A. The maximum inductor peak current
is:
L
L(MAX)
LOAD
I
II
2

(3)
Under light load conditions below 100mA, use a
larger inductance to improve efficiency. For most
applications, chose an inductor with a DC
resistance less than 200mΩ.
NTC Function
As Figure 5 shows, the low temperature threshold
and high temperature threshold are preset
internally through a resistive divider set at
73.5%·VREF33 and 29.5%·VREF33. For a given
NTC thermistor, we can select an appropriate R3
and an appropriate R6 to set the NTC window.
For example, using the NCP18XH103 thermistor,
At 0°C, RNTC_Cold = 27.445k;
At 50°C, RNTC_Hot = 4.1601k.
Assuming that the NTC window is between 0°C
and 50°C, and given the following equations:
NTC _ Cold
TH _ Low
NTC _ Cold
R6 // R
V
73.5%
R3 R6 // R
VREF33

(4)
TH _ High
NTC _ Hot
NTC _ Hot
V
R6 // R
29.5%
R3 R6 // R
VREF33

(5)
R3 = 9.63k and R6 = 505k. Simplifying, select
R3=10k and leave R6 open to satisfy the
specifications.
NTC
VREF33
Low Temp Threshold
High Temp Threshold
RNTC
R3
R6
VTH_Low
VTH_High
Figure 5— NTC function block
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and the switching noise from
the device. Choose an input capacitor with a
switching frequency impedance less than the
input source impedance to prevent high-frequency
switching current from flowing to the input. Use
ceramic capacitors with X5R or X7R dielectrics
with low ESR and small temperature coefficients.
For most applications, use a 4.7µF capacitor.
Selecting the Output Capacitor
The output capacitor limits the output voltage
ripple and ensures regulator loop stability. The
output capacitor impedance should be low at the
switching frequency. Use ceramic capacitors with
X5R or X7R dielectrics.
PC Board Layout
Route the high frequency and high current paths
(GND, IN and SW) to the device using short,
direct, and wide traces. Place the input capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com