Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 2 Page - Analog Devices

  AD6640 Datasheet HTML 1Page - Analog Devices AD6640 Datasheet HTML 2Page - Analog Devices AD6640 Datasheet HTML 3Page - Analog Devices AD6640 Datasheet HTML 4Page - Analog Devices AD6640 Datasheet HTML 5Page - Analog Devices AD6640 Datasheet HTML 6Page - Analog Devices AD6640 Datasheet HTML 7Page - Analog Devices AD6640 Datasheet HTML 8Page - Analog Devices AD6640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DC SPECIFICATIONS
Test
AD6640AST
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
12
Bits
ACCURACY
No Missing Codes
+25
°CI
GUARANTEED
Offset Error
Full
VI
–10
+3.5
+10
mV
Gain Error
Full
VI
–10
+4.0
+10
% FS
Differential Nonlinearity (DNL)
1
+25
°CI
–1.0
±0.5
+1.5
LSB
Integral Nonlinearity (INL)
1
Full
V
±1.25
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
50
ppm/
°C
Gain Error
Full
V
100
ppm/
°C
POWER SUPPLY REJECTION RATIO (PSRR)
Full
V
±0.5
mV/V
REFERENCE OUT (VREF)
2
Full
V
2.4
V
ANALOG INPUTS (AIN,
AIN)3
Analog Input Common-Mode Range
4
Full
V
VREF
± 0.05
V
Differential Input Voltage Range
Full
V
2.0
V p-p
Differential Input Resistance
Full
IV
0.7
0.9
1.1
k
Ω
Differential Input Capacitance
+25
°CV
1.5
pF
POWER SUPPLY
Supply Voltage
AVCC
Full
VI
4.75
5.0
5.25
V
DVCC
Full
VI
3.0
3.3
5.25
V
Supply Current
IAVCC (AVCC = 5.0 V)
Full
VI
135
160
mA
IDVCC (DVCC = 3.3 V)
Full
VI
10
20
mA
POWER CONSUMPTION
Full
VI
710
865
mW
NOTES
1 ENCODE = 20 MSPS
2 If V
REF is used to provide a dc offset to other circuits, it should first be buffered.
3The AD6640 is designed to be driven differentially. Both AIN and
AIN should be driven at levels V
REF
± 0.5 V. The input signals should be 180 degrees out of phase to produce
a 2 V p-p differential input signal. See Driving the Analog Inputs section for more details.
4 Analog input common-mode range specifies the offset range the analog inputs can tolerate in dc-coupled applications (see Figure 17 for more detail).
Specifications subject to change without notice
.
DIGITAL SPECIFICATIONS
Test
AD6640AST
Parameter
Temp
Level
Min
Typ
Max
Unit
LOGIC INPUTS (ENCODE,
ENCODE)1
ENCODE Input Common-Mode Range
2
Full
IV
0.2
2.2
V
Differential Input Voltage
Full
IV
0.4
V p-p
Single-Ended ENCODE
10
V p-p
Logic Compatibility
3
TTL/CMOS
Logic “1” Voltage
Full
VI
2.0
5.0
V
Logic “0” Voltage
Full
VI
0
0.8
V
Logic “1” Current (VINH = 5 V)
Full
VI
+500
+650
+800
µA
Logic “0” Current (VINL = 0 V)
Full
VI
–400
–320
–200
µA
Input Capacitance
+25
°CV
2.5
pF
LOGIC OUTPUTS (
D11–D0)4
Logic Compatibility
CMOS
Logic “1” Voltage (DVCC = 3.3 V)
Full
VI
2.8
DVCC – 0.2
V
Logic “0” Voltage (DVCC = 3.3 V)
Full
VI
0.2
0.5
V
Logic “1” Voltage (DVCC = 5.0 V)
Full
IV
4.5
DVCC – 0.3
V
Logic “0” Voltage (DVCC = 5.0 V)
Full
IV
0.35
0.5
V
Output Coding
Twos Complement
NOTES
1Best dynamic performance is obtained by driving ENCODE and
ENCODE differentially. See Encoding the AD6640 section for more details. Performance versus ENCODE/ENCODE
power is shown in TPC 12.
2For dc-coupled applications, the ENCODE input common-mode range specifies the common-mode range the ENCODE inputs can tolerate when driven differentially by the
minimum differential input voltage of 0.4 V p-p. For differential input voltage swings greater than 0.4 V p-p, the common-mode range will change. The minimum value ensures
that the input voltage on either encode pin does not go below 0 V. The maximum value ensures that the input voltage on either ENCODE pin does not go below 2.0 V or above
AVCC (e.g., for a differential input swing of 0.8 V, the min and max common-mode specs become 0.4 V and 2.4 V, respectively).
3ENCODE or
ENCODE may be driven alone if desired, but performance will likely be degraded. Logic compatibility specifications are provided to show that TTL or CMOS
clock sources will work. When driving only one ENCODE input, bypass the complementary input to GND with 0.01
µF.
4Digital output load is one LCX gate.
Specifications subject to change without notice.
REV. A
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C, unless otherwise noted.)
–2–
AD6640–SPECIFICATIONS
(AVCC = 5 V, DVCC = 3.3 V; TMIN = –40 C, TMAX = +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com