Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKB455KCAY09-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # CDBKB455KCAY09-R0
Description  Ceramic Discriminators for Communications Equipment
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDBKB455KCAY09-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CDBKB455KCAY09-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY09-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Ceramic Filters (CERAFIL
r) for Communications Equipment
CERAFIL
r kHz SMD Type CFUKG_X Series
The CFUKG_X series is comprised of small, high-
performance, thin (4.0mm) filters consisting of 4
ceramic elements.
The filters exhibit an extremely flat GDT
characteristic combined with a narrow bandwidth.
The filters are recommended for narrow band digital
communication applications.
c Features
1. The filters are mountable by automatic placers.
2. The filters can be reflow soldered and withstand
washing.
3. They are slim, at only 4.0mm maximum thickness,
and have a small mounting area (7.5x6.0mm)
enabling flexible PCB design.
4. The bandwidth ranges from E to H.
5. Operating temperature range: -20 to +80 (°C)
Storage temperature range: -40 to +85 (°C)
1.5±0.3
3.0±0.3
1.0±0.1
4.0±0.3
C0.5
1.2±0.1
1.0±0.1
(in mm)
Connection
(1): Input
(2): Output
(3): Ground
1.0±0.3
1.0±0.3
1.5±0.3
6.0±0.3
(1)
(2)
(3)
MARKING
EIAJ
CODE
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Stop
Bandwidth
(kHz)
Stop Band
Attenuation
(dB)
Insertion Loss
(dB)
Ripple
(dB)
GDT Deviation
(µs)
Input/Output
Impedance
(ohm)
CFUKG455KE4X-R0
455
±1.5kHz
fn±7.5
min.
fn±17.5 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.0 max.
[within fn±5kHz]
25.0 max.
[within fn±5kHz]
1500
CFUKG455KF4X-R0
455
±1.5kHz
fn±6.0
min.
fn±15.0 max.
[within 40dB]
27 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.0 max.
[within fn±4kHz]
25.0 max.
[within fn±4kHz]
1500
CFUKG455KG1X-R0
455
±1.0kHz
fn±4.5
min.
fn±12.5 max.
[within 40dB]
25 min.
[within fn±100kHz]
6.0 max.
[at minimum loss point]
1.0 max.
[within fn±3kHz]
25.0 max.
[within fn±3kHz]
1500
CFUKG455KH1X-R0
455
±1.0kHz
fn±3.0
min.
fn±10.0 max.
[within 40dB]
25 min.
[within fn±100kHz]
7.0 max.
[at minimum loss point]
1.0 max.
[within fn±2kHz]
25.0 max.
[within fn±2kHz]
1500
Center frequency (fo) defined by the center of 6dB bandwidth.
(fn) means nominal center frequency 455kHz.
For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in package page in this catalog.
E1
Rg
S.S.G.
0dBm
R1
RF Voltmeter
Connection
(1): Input
(2): Output
(3): Ground
(2)
(3)
(1)
R2
E2
Rg+R1=R2=Input/Output Impedance
c Test Circuit
P05E.pdf
Nov.24,2011
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com