Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APXM030PA Datasheet(PDF) 2 Page - Amphenol Corporation

Part # APXM030PA
Description  New from Amphenol PCD.APeX Galley Connector, Circular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

APXM030PA Datasheet(HTML) 2 Page - Amphenol Corporation

  APXM030PA Datasheet HTML 1Page - Amphenol Corporation APXM030PA Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.amphenolpcd.com
email: info@amphenolpcd.com
978-624-3400
Amphenol Pcd
Part No.
Contact Qty
Contact Gauge
Crimp Well
Wire Awg
Contact Part No.
SPS00602S-1
1
10
10
CNS910100-SZ
2
10
14/16
CNS910200-SZ
3
4
14/16
CNS904100-SZ
SPS00602S-2
2
10
10
CNS910100-SZ
1
10
14/16
CNS910200-SZ
3
4
14/16
CNS904100-SZ
SPS00602S-3
3
10
10
CNS910100-SZ
3
4
14/16
CNS904100-SZ
3
10
14/16
CNS910200-SZ
3
4
14/16
CNS904100-SZ
SPS00602S-5
Without
n/a
n/a
n/a
SPS00602S-4
Material
Shell
Aluminum Alloy 6061 T6
Shell Finish
Clear Anodized Finish
Housing
PPS-V0 1140A6
Color, Hsg
Black
Contact Retainer
Ultem CRS5011
Color, CR
Black
Internal Contact
Copper Alloy
Intern. Contact Finish
Silver Plate
Seal
EPDM Rubber
Mating Part
SPS00602S-X
Part No.
Contact Qty
Contact Gauge
Crimp Well
Wire Awg
Contact Part No.
SPS00602P-1
1
10
10
CNP910100-SZ
2
10
14/16
CNP910200-SZ
3
4
14/16
CNP904100-SZ
SPS00602P-2
2
10
10
CNP910100-SZ
1
10
14/16
CNP910200-SZ
3
4
14/16
CNP904100-SZ
SPS00602P-3
3
10
10
CNP910100-SZ
3
4
14/16
CNP904100-SZ
3
10
14/16
CNP910200-SZ
3
4
14/16
CNP904100-SZ
SPS00602P-5
Without
n/a
n/a
n/a
SPS00602P-4
Material
Shell
Aluminum Alloy 6061 T6
Shell Finish
Clear Anodized Finish
Housing
PPS-V0 1140A6
Color, Hsg
Black
Contact Retainer
Ultem CRS5011
Color, CR
Black
Internal Contact
Copper Alloy
Intern. Contact Finish
Silver plate
Mating Part
SPS00602P-X
Panel Mount, Receptacle - 6 position, crimp termination
Panel Mount, Plug - 6 position, crimp termination
1.515
.906
1.500
.093
1.440
2.625
Part No. See Table
Date Code
Ø2.875
4 Mounting Holes
Ø.219
1.765
1.263
.650
.517
Ø1.422
Ø1.375
Black Marking
Date Code
Ø2.250
4 Mounting Holes
Ø.144
1.314 TYP.
Part No. See Table
March, 2012
Tool
Description
Crimp
M310
Adapter
TP1040 (for use with CNP and CNS904100-SZ contacts)
Note: Tool part numbers from Daniels Manufacturing
Tool
Description
Adapter
TP1041(for use with CNP and CNS910200-SZ contacts)
Adapter
TP1042 (for use with CNP and CNS904100-SZ contacts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com