Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145H Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AS5145H
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5145H Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AS5145H Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 22Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
21 - 36
AS5145
Datasheet - Application In form atio n
- CCW: Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counterclockwise direction
- RA [4:0]: Redundant Address: an OTP bit location addressed by this address is always set to “1” independent of the corresponding
original OTP bit setting
9.1.4 OTP Default Setting
The AS5145 can also be operated without programming. The default, un-programmed setting is:
- Output Md0, Output MD1: 00= Default mode
- Z0 to Z11: 00 = no programmed zero position
- CCW: 0 = clockwise operation
- RA4 to RA0:0 = no OTP bit is selected
- MagCompEN: 1 = The green/yellow Mode is enabled
9.1.5 Redundancy
For a better programming reliability a redundancy is implemented. In case when the programming of one bit failed this function can be used. With
an address RA(4:0) one bit can be selected and programmed.
Table 14. Redundancy Addressing
Address
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
Z11
00000
0000
0000
00000
0000
0
00001
1
000
0000
00000
0000
0
00010
0
1
00
0000
00000
0000
0
00011
0
0
1
0
0000
00000
0000
0
00100
0
0
0
1
0000
00000
0000
0
00101
0000
1
000
00000
0000
0
00110
0000
0
1
00
00000
0000
0
00111
0000
00
1
0
00000
0000
0
01000
0000
000
1
00000
0000
0
01001
0000
0000
1
0000
0000
0
01010
0000
0000
0
1
000
0000
0
01011
0000
0000
00
1
00
0000
0
01100
0000
0000
000
1
0
0000
0
01101
0000
0000
0000
1
0000
0
01110
0000
0000
00000
1
000
0
01111
0000
0000
00000
0
1
00
0
10000
0000
0000
00000
00
1
00
10001
0000
0000
00000
000
1
0
10010
0000
0000
00000
0000
1
10101
1111
1111
11111
1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com