Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA685B Datasheet(PDF) 2 Page - saftbatteries

Part # BA685B
Description  Rechargeable lithium-ion battery ??extreme performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA685B Datasheet(HTML) 2 Page - saftbatteries

  BA685B Datasheet HTML 1Page - saftbatteries BA685B Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
10.0
11.0
12.0
13.0
14.0
15.0
16.0
18.0
17.0
0
1
2
3
4
5
6
10.0
11.0
12.0
8.0
9.0
13.0
14.0
15.0
16.0
18.0
9.0
2.0
3.0
4.0
0
1.0
5.0
6.0
7.0
8.0
10.0
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel. : +33 1 49 93 19 18
Fax : +33 1 49 93 19 69
www.saftbatteries.com
Saft
Specialty Battery Group
313, Crescent Street
Valdese NC 28690 - USA
Tel. : +1 (828) 874 41 11
Fax : +1 (828) 879 39 81
www.saftbatteries.com
Doc No.: 54083-2-1112
Edition: November 2012
Data in this document is subject to change without notice
and becomes contractual only after written confirmation.
Société par Actions Simplifiée au capital de 31 944 000 €
RCS Bobigny B 383 703 873
Produced in the UK by Arthur Associates Limited
Independent 5 segment fuel gauge
■
■
Assess the battery state of charge while
in storage
■
■
Check your spare battery during or prior
to use
■
■
Make full use of available battery
Built-in protection devices ensure
safety in case of:
■
■
Exposure to heat
■
■
Exposure to direct sunlight for extended
periods of time
■
■
Short circuit
■
■
Overcharge
■
■
Overdischarge
■
■
Shrapnel penetration
When handling Saft MP batteries:
■
■
Do not solder directly to battery
terminals
■
■
Do not disassemble
■
■
Do not remove the protection circuit
■
■
Do not incinerate
Transportation and storage
■
■
Store in a dry place at a temperature
preferably not exceeding 30°C
■
■
For long-term storage, keep the battery
within a (30 ± 15) % state of charge
Protection circuit
■
■
Protection
against
over
voltage
(resettable)
■
■
Protection against under voltage
(resettable)
■
■
Protection against over current during
discharge
■
■
Equalising
cell
voltages
during
discharge
References
Compliance with military specification
High Temperature
MIL-STD 810E, 501.3 (+ 60°C)
Low Temperature
MIL-STD 810E, 502.3 (- 20°C)
Vibration
MIL-STD 810C 514.2 H
Shock
MIL-STD 810E 516.4
Salt Fog
MIL-STD 810E 509.3 I
Immersion
MIL-STD 810E 512.3
NATO Stock Number (NSN)
6140-14-571-6261
Saft’s Part Number
08266C
Typical discharge profile (2.7 A - C/5 rate - charge 16.8 V)
Charge characteristics to 16.8 V versus temperature (5 A rate)
Capacity (Ah)
Charge time (hours)
Voltage
Current
+ 70ºC
+ 20ºC
- 25ºC
+ 60ºC
+ 20ºC
0ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com