Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5372 Datasheet(PDF) 2 Page - saftbatteries

Part # BA5372
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5372 Datasheet(HTML) 2 Page - saftbatteries

  BA5372 Datasheet HTML 1Page - saftbatteries BA5372 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
100
200
300
400
500
600
0
50
100
150
200
250
Discharge Rate(mA)
-20C
0C
20C
54C
71C
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
0
50
100
150
200
250
300
350
400
450
500
550
Discharged Capacity(mAh)
10 mA
20 mA
50 mA
100 mA
150 mA
200 mA
4.0
4.5
5.0
5.5
6.0
6.5
0
50
100
150
200
250
Discharge Rate(mA)
-20C
0C
20C
54C
71C
Typical discharge curves at 20°C at various temperatures
BA 5372
Saft
12, rue Sadi Carnot
93170 Bagnolet France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
Saft America, Inc.
313 Crescent St.
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax: +1 (828) 874 3981
www.saftbatteries.com
Doc N° 32043-2-0713
Edition: July 2013
Information in this document is subject to change
without notice and becomes contractual only after
written confirmation by Saft.
Published by the Communications Department
Photo credit: Saft
Mid-discharge voltage vs. rate at various temperatures
Capacity vs. discharge rate at various temperatures
Storage
■ Store in dry area not >30°C
Handling
■ Do not disassemble
■ Do not short circuit
■ Do not charge
■ Do not incinerate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com