Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5380 Datasheet(PDF) 2 Page - saftbatteries

Part # BA5380
Description  Primary lithium battery system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

BA5380 Datasheet(HTML) 2 Page - saftbatteries

  BA5380 Datasheet HTML 1Page - saftbatteries BA5380 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
10
100
1000
10000
Current Discharge in mA
-30 C
-20C
0 C
21 C
54 C
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Capacity
2A
1A
500mA
250mA
100mA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10
100
1000
10000
Current Discharge in mA
-30 C
-20C
0 C
21 C
54 C
71 C
BA 5380
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet France
Tel.: +33 (0)1 49 93 19 18
Fax: +33 (0)1 49 93 19 69
www.saftbatteries.com
Saft
Specialty Battery Group
313 Crescent St.
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 4111
Fax: +1 (828) 874 3981
www.saftbatteries.com
Doc N° 32036-2-0912
Edition: September 2012
Information in this document is subject to change
without notice and becomes contractual only after
written confirmation by Saft.
Published by the Communications Department
Photo credit: Saft
Capacity versus discharge and temperature
BA 5380 dimensions
*All measurements in inches
Electrical schematic
Voltage plateau versus current and temperature
Typical discharge curves at +21˚C at various discharge currents



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com