Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1340 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMP1340
Description  Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1340 Datasheet(HTML) 2 Page - Alpha Industries

  SMP1340 Datasheet HTML 1Page - Alpha Industries SMP1340 Datasheet HTML 2Page - Alpha Industries SMP1340 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/99A
Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
SMP1340 Series
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
Capacitance vs. Reverse Voltage
0.10
0.20
0.15
0.25
0.30
Reverse Voltage (V)
0
5
10
15
25
35
20
30
40
1 MHz–1 GHz
0.6
0.7
0.8
0.9
1.0
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
Frequency (MHz)
0 V
40 V
10 V
-50
50
0
100
150
200
250
350
300
Typical Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com