Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7501SE Datasheet(PDF) 3 Page - Analog Devices

Part # AD7501SE
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7501SE Datasheet(HTML) 3 Page - Analog Devices

  AD7501SE Datasheet HTML 1Page - Analog Devices AD7501SE Datasheet HTML 2Page - Analog Devices AD7501SE Datasheet HTML 3Page - Analog Devices AD7501SE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD7501/AD7502/AD7503
–3–
REV. B
ORDERING GUIDE
Temperature
Package
Model
l
Range
Options
2
AD7501KN
0
°C to +70°C
N-16
AD7501KQ
–25
°C to +85°C
Q-16
AD7501SQ
–55
°C to +125°C
Q-16
AD7501SE
–55
°C to +125°C
E-20A
AD7502KN
0
°C to +70°C
N-16
AD7502KQ
–25
°C to +85°C
Q-16
AD7502SQ
–55
°C to +125°C
Q-16
AD7502SE
–55
°C to +125°C
E-20A
AD7503KN
0
°C to +70°C
N-16
AD7503KQ
–25
°C to +85°C
Q-16
AD7503SQ
–55
°C to +125°C
Q-16
AD7503SE
–55
°C to +125°C
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add/883B to part number.
See the Analog Devices’ 1990 Military Databook for military data sheet.
2E = LCC; N = PDIP; Q = CERDIP.
PIN CONFIGURATIONS
Typical Performance Characteristics
Figure 1a. RON vs. VS At Different Power
Supplies
Figure 1b. RON vs. VS At Different
Temperatures
Figure 2a. Digital Threshold Voltage
(VINH, VINL) vs. Power Supply
Figure 2b. Digital Threshold Voltage
(VINH, VINL) vs. Temperature
LCC
Figure 3. tON, tOFF vs. Digital Input
Voltage
Figure 4. Power Dissipation vs. Logic
Frequency (50% Duty Cycle)
PDIP
CERDIP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com