Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF2P03HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTSF2P03HD
Description  SINGLE TMOS POWER MOSFET 2.7 AMPERES 30 VOLTS RDS(on) = 0.090 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF2P03HD Datasheet(HTML) 3 Page - Motorola, Inc

  MTSF2P03HD Datasheet HTML 1Page - Motorola, Inc MTSF2P03HD Datasheet HTML 2Page - Motorola, Inc MTSF2P03HD Datasheet HTML 3Page - Motorola, Inc MTSF2P03HD Datasheet HTML 4Page - Motorola, Inc MTSF2P03HD Datasheet HTML 5Page - Motorola, Inc MTSF2P03HD Datasheet HTML 6Page - Motorola, Inc MTSF2P03HD Datasheet HTML 7Page - Motorola, Inc MTSF2P03HD Datasheet HTML 8Page - Motorola, Inc MTSF2P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTSF2P03HD
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(Cpk
≥ 2.0)
(1) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
30
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 24 Vdc, VGS = 0 Vdc)
(VDS = 24 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(1) (3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.9
3.8
3.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0)
(1) (3)
(VGS = 10 Vdc, ID = 2.4 Adc)
(VGS = 4.5 Vdc, ID = 1.2 Adc)
RDS(on)
70
110
90
150
m
Forward Transconductance (VDS = 15 Vdc, ID = 1.2 Adc)
(1)
gFS
2.0
3.1
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
450
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
220
Transfer Capacitance
f = 1.0 MHz)
Crss
70
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
I
2 4 Ad
td(on)
12
ns
Rise Time
(VDS = 15 Vdc, ID = 2.4 Adc,
tr
58
Turn–Off Delay Time
( DS
, D
,
VGS = 10 Vdc, RG = 6.0 Ω) (1)
td(off)
30
Fall Time
tf
50
Turn–On Delay Time
(V
15 Vd
I
1 2 Ad
td(on)
19
Rise Time
(VDD = 15 Vdc, ID = 1.2 Adc,
tr
39
Turn–Off Delay Time
( DD
, D
,
VGS = 4.5 Vdc, RG = 6.0 Ω) (1)
td(off)
35
Fall Time
tf
37
Gate Charge
(V
24 Vd
I
2 4 Ad
QT
16.6
23
nC
(VDS = 24 Vdc, ID = 2.4 Adc,
Q1
1.6
( DS
, D
,
VGS = 10 Vdc) (1)
Q2
5.4
Q3
4.4
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 2.4 Adc, VGS = 0 Vdc) (1)
(IS = 2.4 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.9
0.7
1.3
Vdc
Reverse Recovery Time
(I
2 4 Ad
V
0 Vd
trr
32
ns
(IS = 2.4 Adc, VGS = 0 Vdc,
ta
21
( S
,
GS
,
dIS/dt = 100 A/µs) (1)
tb
11
Reverse Recovery Stored Charge
QRR
0.036
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com