Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7713 Datasheet HTML 12Page - Analog Devices AD7713 Datasheet HTML 13Page - Analog Devices AD7713 Datasheet HTML 14Page - Analog Devices AD7713 Datasheet HTML 15Page - Analog Devices AD7713 Datasheet HTML 16Page - Analog Devices AD7713 Datasheet HTML 17Page - Analog Devices AD7713 Datasheet HTML 18Page - Analog Devices AD7713 Datasheet HTML 19Page - Analog Devices AD7713 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. D
–16–
AD7713
look like the AIN1 analog input (see Figure 7). In this case, RINT
is 5 k
Ω typ and C
INT varies with gain. The input sample rate is
fCLK IN/256 and does not vary with gain. For gains of 1 to 8,
CINT is 20 pF; for a gain of 16, it is 10 pF; for a gain of 32, it is
5 pF; for a gain of 64, it is 2.5 pF; and for a gain of 128, it is
1.25 pF.
The digital filter of the AD7713 removes noise from the reference
input just as it does with the analog input, and the same limita-
tions apply regarding lack of noise rejection at integer multiples of
the sampling frequency. The output noise performance outlined
in Tables I and II assumes a clean reference. If the reference
noise in the bandwidth of interest is excessive, it can degrade the
performance of the AD7713. A recommended reference source
for the AD7713 is the AD680, a 2.5 V reference.
USING THE AD7713 SYSTEM
DESIGN CONSIDERATIONS
The AD7713 operates differently from successive approxima-
tion ADCs or integrating ADCs. Since it samples the signal
continuously, like a tracking ADC, there is no need for a start
convert command. The output register is updated at a rate
determined by the first notch of the filter, and the output can be
read at any time, either synchronously or asynchronously.
Clocking
The AD7713 requires a master clock input, which may be an
external TTL/CMOS compatible clock signal applied to the
MCLK IN pin with the MCLK OUT pin left unconnected.
Alternatively, a crystal of the correct frequency can be connected
between MCLK IN and MCLK OUT, in which case the clock
circuit will function as a crystal controlled oscillator. For lower
clock frequencies, a ceramic resonator may be used instead of the
crystal. For these lower frequency oscillators, external capacitors
may be required on either the ceramic resonator or on the crystal.
The input sampling frequency, the modulator sampling frequency,
the –3 dB frequency, output update rate, and calibration time
are all directly related to the master clock frequency, fCLK IN.
Reducing the master clock frequency by a factor of two will halve
the above frequencies and update rate and will double the cali-
bration time.
The current drawn from the DVDD power supply is also directly
related to fCLK IN. Reducing fCLK IN by a factor of two will halve
the DVDD current but will not affect the current drawn from the
AVDD power supply.
System Synchronization
If multiple AD7713s are operated from a common master clock,
they can be synchronized to update their output registers simul-
taneously. A falling edge on the
SYNC input resets the filter
and places the AD7713 into a consistent, known state. A com-
mon signal to the AD7713’s
SYNC inputs will synchronize their
operation. This would normally be done after each AD7713 has
performed its own calibration or has had calibration coefficients
loaded to it.
The
SYNC input can also be used to reset the digital filter in
systems where the turn-on time of the digital power supply
(DVDD) is very long. In such cases, the AD7713 will start operat-
ing internally before the DVDD line has reached its minimum
operating level, 4.75 V. With a low DVDD voltage, the AD7713’s
internal digital filter logic does not operate correctly. Thus, the
AD7713 may have clocked itself into an incorrect operating
condition by the time that DVDD has reached its correct level.
The digital filter will be reset upon issue of a calibration,
command (whether it is self-calibration, system calibration or
background calibration) to the AD7713. This ensures correct
operation of the AD7713. In systems where the power-on default
conditions of the AD7713 are acceptable, and no calibration is
performed after power-on, issuing a
SYNC pulse to the AD7713
will reset the AD7713’s digital filter logic. An R, C on the
SYNC
line, with R, C time constant longer than the DVDD power-on
time, will perform the
SYNC function.
Accuracy
- ADCs, like VFCs and other integrating ADCs, do not contain
any source of nonmonotonicity, and inherently offer no missing
codes performance. The AD7713 achieves excellent linearity by
the use of high quality, on-chip silicon dioxide capacitors, which
have a very low capacitance/voltage coefficient. The device also
achieves low input drift through the use of chopper stabilized tech-
niques in its input stage. To ensure excellent performance over
time and temperature, the AD7713 uses digital calibration tech-
niques that minimize offset and gain error.
Autocalibration
Autocalibration on the AD7713 removes offset and gain
errors from the device. A calibration routine should be initi-
ated on the device whenever there is a change in the ambient
operating temperature or supply voltage. It should also be
initiated if there is a change in the selected gain, filter notch,
or bipolar/unipolar input range. However, if the AD7713 is in
its background calibration mode, the above changes are all
automatically taken care of (after the settling time of the filter
has been allowed for).
The AD7713 offers self-calibration, system calibration, and
background calibration facilities. For calibration to occur on
the selected channel, the on-chip microcontroller must record
the modulator output for two different input conditions. These
are zero-scale and full-scale points. With these readings, the
microcontroller can calculate the gain slope for the input to
output transfer function of the converter. Internally, the part
works with a resolution of 33 bits to determine its conversion
result of either 16 bits or 24 bits.
The AD7713 also provides the facility to write to the on-chip
calibration registers, and, in this manner, the span and offset for
the part can be adjusted by the user. The offset calibration register
contains a value that is subtracted from all conversion results, while
the full-scale calibration register contains a value that is multiplied
by all conversion results. The offset calibration coefficient is sub-
tracted from the result prior to the multiplication by the full-scale
coefficient. In the first three modes outlined here, the
DRDY line
indicates that calibration is complete by going low. If
DRDY is low
before (or goes low during) the calibration command, it may take
up to one modulator cycle before
DRDY goes high to indicate that
calibration is in progress. Therefore, the
DRDY line should be
ignored for up to one modulator cycle after the last bit of the cali-
bration command is written to the control register.
Self-Calibration
In the self-calibration mode with a unipolar input range, the
zero-scale point used in determining the calibration coefficients
is with both inputs shorted and the full-scale point is VREF. The
zero-scale coefficient is determined by converting an internal
shorted inputs node. The full-scale coefficient is determined
from the span between this shorted inputs conversion and a
conversion on an internal VREF node. The self-calibration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com