Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7653
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7653 Datasheet HTML 9Page - Analog Devices AD7653 Datasheet HTML 10Page - Analog Devices AD7653 Datasheet HTML 11Page - Analog Devices AD7653 Datasheet HTML 12Page - Analog Devices AD7653 Datasheet HTML 13Page - Analog Devices AD7653 Datasheet HTML 14Page - Analog Devices AD7653 Datasheet HTML 15Page - Analog Devices AD7653 Datasheet HTML 16Page - Analog Devices AD7653 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7622
Rev. 0 | Page 13 of 28
0
–140
–120
–100
–80
–60
–40
–20
–160
–180
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (kHz)
fS = 2MSPS
fIN = 20.1kHz
SNR = 92dB
THD = –117dB
SFDR = 103dB
SINAD = 92dB
Figure 12. FFT 20 kHz
95
79
81
83
85
87
89
91
93
77
75
16.0
12.8
13.2
13.6
14.0
14.4
14.8
15.2
15.6
12.4
12.0
1
10
100
1000
FREQUENCY (kHz)
SNR
ENOB
SINAD
Figure 13. SNR, SINAD, and ENOB vs. Frequency
–70
–80
–90
–100
–110
–120
–130
–140
120
40
50
60
70
80
90
100
110
30
20
1
10
100
1000
FREQUENCY (kHz)
SECOND HARMONIC
THIRD HARMONIC
THD
SFDR
Figure 14. THD, Harmonics, and SFDR vs. Frequency
0
–140
–120
–100
–80
–60
–40
–20
–160
–180
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (kHz)
fS = 2MSPS
fIN =100.7kHz
SNR = 91dB
THD = –100dB
SFDR = 101dB
SINAD = 90.5dB
Figure 15. FFT 100 kHz
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
14.0
14.5
15.0
15.5
16.0
86
87
90
89
88
91
92
93
94
SNR
ENOB
SINAD
Figure 16. SNR, SINAD, and ENOB vs. Temperature
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
SFDR
THD
SECOND
HARMONIC
THIRD
HARMONIC
60
70
80
90
100
110
120
–140
–130
–120
–110
–100
–90
–80
Figure 17. THD, Harmonics, and SFDR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com