Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA8300 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DSA8300
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSA8300 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DSA8300 Datasheet HTML 3Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 4Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 5Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 6Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 7Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 8Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 9Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 10Page - List of Unclassifed Manufacturers DSA8300 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Optical sampling modules
Module
Description
80C07B Multirate Datacom and
Telecom
The 80C07B module is a broad-wavelength (700 to 1650 nm) multirate optical sampling module optimized for testing datacom/
telecom signals from 125 Mb/s to 2.5 Gb/s. With its amplified O/E converter design, this module provides excellent signal-to-noise
performance, allowing users to examine low-power optical signals. The 80C07B can be optionally configured with fully calibrated
internal clock recovery that supports 125, 155, 622, 1063, 1250, 2125, 2488, 2500, and 2666 Mb/s rates.
80C08D Multirate, Broad Wavelength,
High Sensitivity 10 Gb/s
The 80C08D module is a broad-wavelength (700 to 1650 nm) multirate optical sampling module providing datacom rate testing for
10GbE, 40GbE-R4, 100GbE-SR10 applications at 9.953, 10.3125, 11.0957 Gb/s and 10G Fibre Channel applications at
10.51875 and 11.317 Gb/s. The 80C08D also provides telecom rate testing at 9.953, 10.664, and 10.709 Gb/s. With its amplified O/E
converter design, this module provides excellent signal-to-noise performance and high optical sensitivity, allowing users to examine
low power level optical signals. The 80C08D can be optionally configured with an integrated clock recovery option that supports
acquiring signals at any standard- or user-specified rate from 9.8 to 12.6 Gb/s.
80C10C Multirate Datacom and
Telecom 40 Gb/s and 100 Gb/s
The 80C10C module provides integrated and selectable reference receiver filtering, enabling conformance testing at either 1310 nm
or 1550 nm of all standard 25, 40 and 100 (4 x 25) Gb/s standard rates. There are three configurations for the 80C10C:
Option F1: Provides standard compliant optical reference receivers for the following rates (standards):
25.781 Gb/s (100GBase-LR4 and 100GBase-ER4)
27.952 Gb/s (OTU4)
39.813 Gb/s (OC-768/STM-256, VSR2000 G.693, 40G NRZ G.959.1)
41.25 Gb/s (40GBase-FR)
43.018 Gb/s (G.709 FEC, OTU3 4×10G LAN PHY)
Option F2: Provides standard compliant optical reference receivers for the following rates (standards):
25.781 Gb/s (100GBase-LR4 and 100GBase-ER4)
27.952 Gb/s (OTU4)
Option F3: Provides standard compliant optical reference receivers for the following rates (standards):
39.813 Gb/s (OC-768/STM-256, VSR2000 G.693, 40G NRZ G.959.1)
41.25 Gb/s (40GBase-FR)
43.018 Gb/s (G.709 FEC, OTU3 4×10G LAN PHY)
In addition to the filter rates, the user may also select bandwidths for the 80C10C for optimal noise vs. bandwidth performance for
accurate signal characterization. When equipped with Option CRTP an electrical signal pickoff is provided for clock recovery. Clock
recovery, to 28.6 Gb/s, for the 80C10C is provided using the CR286A clock recovery instrument (sold separately).
When equipped with Option HSPR, a separate high-sensitivity photo receiver is provided with independent electrical outputs that can
be used with external equipment (such as a Tektronix BERTScope) for high accuracy optical measurements.
The 80C10C is also optionally available in a bundled ordering configuration which includes a single-channel 70+ GHz electrical
sampling module.
80C11B Multirate 10 Gb/s Datacom
and Telecom
The 80C11B module is a long-wavelength (1100 to 1650 nm) multirate optical sampling module optimized for testing 10 Gb/s datacom
and telecom standard rates at 9.953, 10.3125, 10.51875, 10.664, 10.709, 11.0957, 11.317, and 14.025 Gb/s. With its high optical
bandwidth of up to 30 GHz (typical) it is well-suited for general-purpose high-performance 10 Gb/s optical component testing. The
80C11B can be optionally configured with clock recovery that can support any standard or user-defined rate in the continuous range
from 9.8 to 12.6 Gb/s.
80C12B Multirate Datacom and
Telecom
The 80C12B module is a broad wavelength (700 to 1650 nm) multirate optical sampling module providing telecom and datacom
testing for standards from 155 Mb/s to 11.4 Gb/s. This highly flexible module can be configured to support a wide variety of 10 Gb/s
applications, lower data rate applications (155 Mb/s to 7.4 Gb/s), or a combination of 10G and lower data rate standards.
The low data rate applications include: Telecom applications from 155 to 2666 Mb/s, 1G, 2G, and 4G Fibre Channel, multilane
standards such as 10GBASE-X4 and 4-Lane 10 Gb/s Fibre Channel, and Infiniband SDR and DDR rates.
The supported 10 Gb/s application includes both datacom and telecom standards. The supported 10 Gb/s datacom applications
include 10GbE, 40GbE-R4, 100GbE-SR10 applications at 9.953, 10.3125, 11.0957 Gb/s, and 10G Fibre Channel applications at
10.51875 Gb/s and 11.317 Gb/s. The 80C12B also provides telecom rate testing at 9.953, 10.664, and 10.709 Gb/s.
With its amplified O/E converter design, this module provides excellent signal-to-noise performance and high optical sensitivity,
allowing users to examine low-power optical signals. Clock recovery for the 80C12B is provided using the 80A05 module or CR125A
clock recovery instrument (sold separately).
DSA8300 Digital Serial Analyzer Sampling Oscilloscope
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com